Electronic Components Datasheet Search
  English  ▼

X  

3208721 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 3208721
Description  Plug - UP 4-4VT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3208721 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  3208721 Datasheet HTML 1Page - PHOENIX CONTACT 3208721 Datasheet HTML 2Page - PHOENIX CONTACT 3208721 Datasheet HTML 3Page - PHOENIX CONTACT 3208721 Datasheet HTML 4Page - PHOENIX CONTACT 3208721 Datasheet HTML 5Page - PHOENIX CONTACT 3208721 Datasheet HTML 6Page - PHOENIX CONTACT 3208721 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
https://www.phoenixcontact.com/us/products/3208721
09/08/2016   Page 3 / 7
Plug - UP 4-4VT - 3208721
Technical data
Connection data
Min. AWG conductor cross section, flexible
26
Max. AWG conductor cross section, flexible
10
Conductor cross section flexible, with ferrule without plastic sleeve min.
0.25 mm²
Conductor cross section flexible, with ferrule without plastic sleeve max.
4 mm²
Conductor cross section flexible, with ferrule with plastic sleeve min.
0.25 mm²
Conductor cross section flexible, with ferrule with plastic sleeve max.
4 mm²
2 conductors with same cross section, solid min.
0.14 mm²
2 conductors with same cross section, solid max.
1.5 mm²
2 conductors with same cross section, stranded min.
0.14 mm²
2 conductors with same cross section, stranded max.
1.5 mm²
2 conductors with same cross section, stranded, ferrules without plastic
sleeve, min.
0.25 mm²
2 conductors with same cross section, stranded, ferrules without plastic
sleeve, max.
1.5 mm²
Stripping length
8 mm ... 9 mm
Internal cylindrical gage
A4
Screw thread
M3
Tightening torque, min
0.6 Nm
Tightening torque max
0.8 Nm
Standards and Regulations
Connection in acc. with standard
IEC 61984
Flammability rating according to UL 94
V0
Drawings



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com