Electronic Components Datasheet Search
  English  ▼

X  

3208721 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3208721
Description  Plug - UP 4-4VT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3208721 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3208721 Datasheet HTML 1Page - PHOENIX CONTACT 3208721 Datasheet HTML 2Page - PHOENIX CONTACT 3208721 Datasheet HTML 3Page - PHOENIX CONTACT 3208721 Datasheet HTML 4Page - PHOENIX CONTACT 3208721 Datasheet HTML 5Page - PHOENIX CONTACT 3208721 Datasheet HTML 6Page - PHOENIX CONTACT 3208721 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
https://www.phoenixcontact.com/us/products/3208721
09/08/2016   Page 1 / 7
Plug - UP 4-4VT - 3208721
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug for four voltage transducers
Key Commercial Data
Packing unit
1 STK
Minimum order quantity
10 STK
Custom tariff number
85366990
Country of origin
Poland
Technical data
Environmental Product Compliance
China RoHS
Hazardous substances above threshold values;
Environmentally Friendly Use Period = 50;
For details go to tab “Downloads”, Category “Manufacturer's declaration”
General
Number of positions
8
Number of levels
1
Number of connections
8
Potentials
8
Nominal cross section
6 mm²
Color
gray
Insulating material
PA
Flammability rating according to UL 94
V0
Rated surge voltage
4 kV
Degree of pollution
3


Similar Part No. - 3208721

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3208720 PHOENIX-3208720 Datasheet
73Kb / 7P
Plug - UP 4-4CT
More results

Similar Description - 3208721

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3060241 PHOENIX-3060241 Datasheet
85Kb / 9P
Plug - UP 4/14
3208720 PHOENIX-3208720 Datasheet
73Kb / 7P
Plug - UP 4-4CT
3060209 PHOENIX-3060209 Datasheet
85Kb / 9P
Plug - UP 4/10
3060212 PHOENIX-3060212 Datasheet
85Kb / 9P
Plug - UP 4/11
3060225 PHOENIX-3060225 Datasheet
85Kb / 9P
Plug - UP 4/12
3060173 PHOENIX-3060173 Datasheet
85Kb / 9P
Plug - UP 4/ 7
3045282 PHOENIX-3045282 Datasheet
85Kb / 9P
Plug - UP 4/ 1 BU
3060034 PHOENIX-3060034 Datasheet
142Kb / 9P
Plug - UP 4/ 1-L BU
3060092 PHOENIX-3060092 Datasheet
142Kb / 9P
Plug - UP 4/ 1-R BU
3060144 PHOENIX-3060144 Datasheet
94Kb / 5P
UP 4/ 4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com