Electronic Components Datasheet Search
  English  ▼

X  

3208721 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 3208721
Description  Plug - UP 4-4VT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3208721 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  3208721 Datasheet HTML 1Page - PHOENIX CONTACT 3208721 Datasheet HTML 2Page - PHOENIX CONTACT 3208721 Datasheet HTML 3Page - PHOENIX CONTACT 3208721 Datasheet HTML 4Page - PHOENIX CONTACT 3208721 Datasheet HTML 5Page - PHOENIX CONTACT 3208721 Datasheet HTML 6Page - PHOENIX CONTACT 3208721 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
https://www.phoenixcontact.com/us/products/3208721
09/08/2016   Page 2 / 7
Plug - UP 4-4VT - 3208721
Technical data
General
Overvoltage category
III
Insulating material group
I
Ambient temperature (operation)
-50 °C ... 100 °C
Ambient temperature (assembly)
-50 °C ... 100 °C
Nominal current IN
15 A
Nominal voltage UN
320 V
Open side panel
No
Relative insulation material temperature index (Elec., UL 746 B)
130 °C
Temperature index of insulation material (DIN EN 60216-1 (VDE 0304-21)) 130 °C
Static insulating material application in cold
-60 °C
Behavior in fire for rail vehicles (DIN 5510-2)
Test passed
Flame test method (DIN EN 60695-11-10)
V0
Oxygen index (DIN EN ISO 4589-2)
>32 %
NF F16-101, NF F10-102 Class I
2
NF F16-101, NF F10-102 Class F
2
Surface flammability NFPA 130 (ASTM E 162)
passed
Specific optical density of smoke NFPA 130 (ASTM E 662)
passed
Smoke gas toxicity NFPA 130 (SMP 800C)
passed
Calorimetric heat release NFPA 130 (ASTM E 1354)
28 MJ/kg
Fire protection for rail vehicles (DIN EN 45545-2) R22
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R23
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R24
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R26
HL 1 - HL 3
Dimensions
Width
86.7 mm
Length
56.4 mm
Height
34.3 mm
Connection data
Connection method
Screw connection
Connection in acc. with standard
IEC 61984
Conductor cross section solid min.
0.14 mm²
Conductor cross section solid max.
6 mm²
Conductor cross section AWG min.
26
Conductor cross section AWG max.
10
Conductor cross section flexible min.
0.14 mm²
Conductor cross section flexible max.
6 mm²



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com