Electronic Components Datasheet Search
  English  ▼

X  

OPA202 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # OPA202
Description  OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA202 Datasheet(HTML) 32 Page - Texas Instruments

Back Button OPA202 Datasheet HTML 28Page - Texas Instruments OPA202 Datasheet HTML 29Page - Texas Instruments OPA202 Datasheet HTML 30Page - Texas Instruments OPA202 Datasheet HTML 31Page - Texas Instruments OPA202 Datasheet HTML 32Page - Texas Instruments OPA202 Datasheet HTML 33Page - Texas Instruments OPA202 Datasheet HTML 34Page - Texas Instruments OPA202 Datasheet HTML 35Page - Texas Instruments OPA202 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
32
OPA202, OPA2202, OPA4202
SBOS812H – OCTOBER 2017 – REVISED MAY 2020
www.ti.com
Product Folder Links: OPA202 OPA2202 OPA4202
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
11 Device and Documentation Support
11.1 Device Support
11.1.1 Development Support
11.1.1.1 TINA-TI™ (Free Software Download)
TINA™ is a simple, powerful, and easy-to-use circuit simulation program based on a SPICE engine. TINA-TI is a
free, fully functional version of the TINA software, preloaded with a library of macro models in addition to a range
of both passive and active models. TINA-TI provides all the conventional dc, transient, and frequency domain
analysis of SPICE, as well as additional design capabilities.
Available as a free download from the Analog eLab Design Center, TINA-TI offers extensive post-processing
capability that allows users to format results in a variety of ways. Virtual instruments offer the ability to select
input waveforms and probe circuit nodes, voltages, and waveforms, creating a dynamic quick-start tool.
NOTE
These files require that either the TINA software (from DesignSoft™) or TINA-TI software
be installed. Download the free TINA-TI software from the TINA-TI folder.
11.1.1.2 WEBENCH Filter Designer Tool
WEBENCH® Filter Designer is a simple, powerful, and easy-to-use active filter design program. The WEBENCH
Filter Designer lets you create optimized filter designs using a selection of TI operational amplifiers and passive
components from TI's vendor partners.
11.1.1.3 TI Precision Designs
TI Precision Designs are available online at http://www.ti.com/ww/en/analog/precision-designs/. TI Precision
Designs are analog solutions created by TI’s precision analog applications experts and offer the theory of
operation, component selection, simulation, complete PCB schematic and layout, bill of materials, and measured
performance of many useful circuits.
11.2 Documentation Support
11.2.1 Related Documentation
For related documentation see the following:
•
Texas Instruments, The PCB is a component of op amp design
•
Texas Instruments, Compensate Transimpedance Amplifiers Intuitively
•
Texas Instruments, Operational amplifier gain stability, Part 3: AC gain-error analysis
•
Texas Instruments, Operational amplifier gain stability, Part 2: DC gain-error analysis
•
Texas Instruments, Using infinite-gain, MFB filter topology in fully differential active filters
•
Texas Instruments, Op Amp Performance Analysis
•
Texas Instruments, Single-Supply Operation of Operational Amplifiers
•
Texas Instruments, Tuning in Amplifiers
•
Texas Instruments, Shelf-Life Evaluation of Lead-Free Component Finishes
•
Texas Instruments, Feedback Plots Define Op Amp AC Performance
•
Texas Instruments, EMI Rejection Ratio of Operational Amplifiers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com