Electronic Components Datasheet Search
  English  ▼

X  

OPA202 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # OPA202
Description  OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA202 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA202 Datasheet HTML 12Page - Texas Instruments OPA202 Datasheet HTML 13Page - Texas Instruments OPA202 Datasheet HTML 14Page - Texas Instruments OPA202 Datasheet HTML 15Page - Texas Instruments OPA202 Datasheet HTML 16Page - Texas Instruments OPA202 Datasheet HTML 17Page - Texas Instruments OPA202 Datasheet HTML 18Page - Texas Instruments OPA202 Datasheet HTML 19Page - Texas Instruments OPA202 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
Time (1 ms/div)
C017
Time (2 µs/div)
C017
V
IN
V
OUT
0
5
10
15
20
25
30
35
40
45
50
25
250
2500
25000
Capacitive Load (pF)
G = -1, RISO = 0
G = -1, RISO = 25
G = -1, RISO = 50
G = +1, RISO = 0
G = +1, RISO = 25
G = +1, RISO = 50
C004
10
100
1k
1
10
100
1k
10k
100k
1M
10M
100M
Frequency (Hz)
C021
60
80
100
120
140
0
0.5
1
1.5
2
Output Voltage Swing from Rail (V)
C001
40
60
80
100
120
140
0
0.5
1
1.5
Output Voltage Swing from Rail (V)
C001
16
OPA202, OPA2202, OPA4202
SBOS812H – OCTOBER 2017 – REVISED MAY 2020
www.ti.com
Product Folder Links: OPA202 OPA2202 OPA4202
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
VS = ±18 V
Figure 25. Open-Loop Gain vs Output Voltage
Swing to Supply
VS = ±2.25 V
Figure 26. Open-Loop Gain vs Output Voltage Swing to
Supply
Unity-gain bandwidth = 1 MHz
Figure 27. Open-Loop Output Impedance vs Frequency
10-mV step
Figure 28. Small-Signal Overshoot vs Capacitive Load
Figure 29. No Phase Reversal
Figure 30. Positive Overload Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com