Electronic Components Datasheet Search
  English  ▼

X  

OPA202 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # OPA202
Description  OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA202 Datasheet(HTML) 23 Page - Texas Instruments

Back Button OPA202 Datasheet HTML 19Page - Texas Instruments OPA202 Datasheet HTML 20Page - Texas Instruments OPA202 Datasheet HTML 21Page - Texas Instruments OPA202 Datasheet HTML 22Page - Texas Instruments OPA202 Datasheet HTML 23Page - Texas Instruments OPA202 Datasheet HTML 24Page - Texas Instruments OPA202 Datasheet HTML 25Page - Texas Instruments OPA202 Datasheet HTML 26Page - Texas Instruments OPA202 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
23
OPA202, OPA2202, OPA4202
www.ti.com
SBOS812H – OCTOBER 2017 – REVISED MAY 2020
Product Folder Links: OPA202 OPA2202 OPA4202
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
7.3.4 Phase-Reversal Protection
The OPAx202 family has internal phase-reversal protection. Many FET- and bipolar-input op amps exhibit a
phase reversal when the input is driven beyond its linear common-mode range. This condition is most often
encountered in noninverting circuits when the input is driven beyond the specified common-mode voltage range,
causing the output to reverse into the opposite rail. The input circuitry of the OPAx202 prevents phase reversal
with excessive common-mode voltage; instead, the output limits into the appropriate rail (see Figure 29).
7.3.5 Thermal Protection
The OPAx202 family of op amps is capable of driving 2-kΩ loads with power-supply voltages of up to ±18 V
across the specified temperature range. In a single-supply configuration, where the load is connected to the
negative supply voltage, the minimum load resistance is 1.1 kΩ at a supply voltage of 36 V. For lower supply
voltages (either single-supply or symmetrical supplies), a lower load resistance may be used as long as the
output current does not exceed 35 mA; otherwise, the device short-circuit current protection circuit may activate.
Internal power dissipation increases when operating at high supply voltages. Copper leadframe construction
used in the OPAx202 devices improves heat dissipation. Printed-circuit-board (PCB) layout helps reduce a
possible increase in junction temperature. Wide copper traces help dissipate the heat by acting as an additional
heat sink. An increase in temperature is further minimized by soldering the devices directly to the PCB rather
than using a socket.
Although the output current is limited by internal protection circuitry, accidental shorting of one or more output
channels of a device can result in excessive heating. For instance, when an output is shorted to midsupply, the
typical short-circuit current of 35 mA leads to an internal power dissipation of over 600 mW at a supply of ±18 V.
To prevent excessive heating, the OPAx202 have an internal thermal shutdown circuit that shuts down the
device if the die temperature exceeds approximately 135°C. When this thermal shutdown circuit activates, a built-
in hysteresis of 10°C makes sure that the die temperature drops to approximately 125°C before the device
switches on again. Additional consideration must be given to the combination of maximum operating voltage,
maximum operating temperature, load, and package type.
7.3.6 Electrical Overstress
Designers often ask questions about the capability of an operational amplifier to withstand electrical overstress.
These questions tend to focus on the device inputs, but may involve the supply voltage pins or even the output
pin. Each of these different pin functions have electrical stress limits determined by the voltage breakdown
characteristics of the particular semiconductor fabrication process and specific circuits connected to the pin.
Additionally, internal electrostatic discharge (ESD) protection is built into these circuits to protect them from
accidental ESD events both before and during product assembly.
It is helpful to have a good understanding of this basic ESD circuitry and the relevance to an electrical overstress
event. See Figure 43 for an illustration of the ESD circuits contained in the OPAx202 (indicated by the dashed
line area). The ESD protection circuitry involves several current-steering diodes connected from the input and
output pins and routed back to the internal power-supply lines, where they meet at an absorption device internal
to the operational amplifier. This protection circuitry is intended to remain inactive during normal circuit operation.
An ESD event produces a short duration, high-voltage pulse that is transformed into a short duration, high-
current pulse as the pulse discharges through a semiconductor device. The ESD protection circuits are designed
to provide a current path around the operational amplifier core to protect the core from damage. The energy
absorbed by the protection circuitry is then dissipated as heat.
When an ESD voltage develops across two or more of the amplifier device pins, current flows through one or
more of the steering diodes. Depending on the path that the current takes, the absorption device may activate.
The absorption device has a trigger, or threshold voltage, that is above the normal operating voltage of the
OPAx202 but below the device breakdown voltage level. Once this threshold is exceeded, the absorption device
quickly activates and clamps the voltage across the supply rails to a safe level.
When the operational amplifier connects into a circuit (such as the one Figure 43 shows), the ESD protection
components are intended to remain inactive and not become involved in the application circuit operation.
However, circumstances may arise where an applied voltage exceeds the operating voltage range of a given pin.
If this condition occurs, there is a risk that some of the internal ESD protection circuits may be biased on and
conduct current. Any such current flow occurs through steering diode paths and rarely involves the absorption
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com