Electronic Components Datasheet Search
  English  ▼

X  

THVD8010 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THVD8010
Description  THVD8010 RS-485 Transceiver with OOK Modulation for Power Line Communication
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THVD8010 Datasheet(HTML) 13 Page - Texas Instruments

Back Button THVD8010 Datasheet HTML 9Page - Texas Instruments THVD8010 Datasheet HTML 10Page - Texas Instruments THVD8010 Datasheet HTML 11Page - Texas Instruments THVD8010 Datasheet HTML 12Page - Texas Instruments THVD8010 Datasheet HTML 13Page - Texas Instruments THVD8010 Datasheet HTML 14Page - Texas Instruments THVD8010 Datasheet HTML 15Page - Texas Instruments THVD8010 Datasheet HTML 16Page - Texas Instruments THVD8010 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
A
B
MODE
OOK mode
R
15 pF
DUT
1 kΩ
VCC
MODE
A
B
R
Hi-Z
50%
50%
100 ns
tTX-RX_OOK_ZERO
F0 = 300 kHz
750 mV
-750 mV
Figure 7-6. Transmit to Receive Mode Change with Low Output
A
B
MODE
OOK mode
R
15 pF
DUT
1 k
MODE
A
B
R
Hi-Z
50%
50%
100 ns
tTX-RX_OOK_ONE
0 V
Figure 7-7. Transmit to Receive Mode Change with High Output
www.ti.com
THVD8010
SLLSFK4 – NOVEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: THVD8010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com