Electronic Components Datasheet Search
  English  ▼

X  

THVD8010 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # THVD8010
Description  THVD8010 RS-485 Transceiver with OOK Modulation for Power Line Communication
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THVD8010 Datasheet(HTML) 21 Page - Texas Instruments

Back Button THVD8010 Datasheet HTML 17Page - Texas Instruments THVD8010 Datasheet HTML 18Page - Texas Instruments THVD8010 Datasheet HTML 19Page - Texas Instruments THVD8010 Datasheet HTML 20Page - Texas Instruments THVD8010 Datasheet HTML 21Page - Texas Instruments THVD8010 Datasheet HTML 22Page - Texas Instruments THVD8010 Datasheet HTML 23Page - Texas Instruments THVD8010 Datasheet HTML 24Page - Texas Instruments THVD8010 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
11 Layout
11.1 Layout guidelines
Robust and reliable bus node design often requires the use of external transient protection devices in order to
protect against surge transients that may occur in industrial environments. Since these transients have a wide
frequency bandwidth (from approximately 3 MHz to 300 MHz), high-frequency layout techniques should be
applied during PCB design.
1. Place the protection circuitry close to the bus connector to prevent noise transients from propagating across
the board.
2. Use VCC and ground planes to provide low inductance. Note that high-frequency currents tend to follow the
path of least impedance and not the path of least resistance.
3. Place F_SET components near the pin to keep capacitance load below recommended value
4. Use a pull up or down resistor on mode to set a default state
5. Apply 100-nF to 220-nF and a 1-uF decoupling capacitors as close as possible to the VCC pins of transceiver,
UART and/or controller ICs on the board.
6. Use at least two vias for VCC and ground connections of decoupling capacitors and protection devices to
minimize effective via inductance.
7. Use 1-kΩ to 10-kΩ pull-up and pull-down resistors for enable lines to limit noise currents in theses lines
during transient events.
8. Insert pulse-proof resistors into the A and B bus lines if the TVS clamping voltage is higher than the specified
maximum voltage of the transceiver bus pins. These resistors limit the residual clamping current into the
transceiver and prevent it from latching up.
9. While pure TVS protection is sufficient for surge transients up to 1 kV, higher transients require metal-oxide
varistors (MOVs) which reduce the transients to a few hundred volts of clamping voltage, and transient
blocking units (TBUs) that limit transient current to less than 1 mA.
11.2 Layout Example
MCU
Via to GND
THVD8010
R
R
C
2
1
2
Via to VCC
3
MODE
F_SET
D
VCC
B
A
GND
R
R
R 4
C
C
Figure 11-1. Layout Example (OOK)
www.ti.com
THVD8010
SLLSFK4 – NOVEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: THVD8010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com