Electronic Components Datasheet Search
  English  ▼

X  

THVD8010 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # THVD8010
Description  THVD8010 RS-485 Transceiver with OOK Modulation for Power Line Communication
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THVD8010 Datasheet(HTML) 3 Page - Texas Instruments

  THVD8010 Datasheet HTML 1Page - Texas Instruments THVD8010 Datasheet HTML 2Page - Texas Instruments THVD8010 Datasheet HTML 3Page - Texas Instruments THVD8010 Datasheet HTML 4Page - Texas Instruments THVD8010 Datasheet HTML 5Page - Texas Instruments THVD8010 Datasheet HTML 6Page - Texas Instruments THVD8010 Datasheet HTML 7Page - Texas Instruments THVD8010 Datasheet HTML 8Page - Texas Instruments THVD8010 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
5 Pin Configuration and Functions
1
R
8
VCC 
2
MODE
7
B
3
F_SET
6
A
4
D
5
GND
Not to scale
Figure 5-1. DRL Package, 8-Pin SOT-23, Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
R
1
Digital output
Receive data output
MODE
2
Digital input
Transmit/receive mode selection. Low = receive mode; High = transmit mode. Has an
internal 2-MΩ pull-down to GND
F_SET
3
Analog input
Carrier frequency selection. Use a resistor to GND to select a frequency.
D
4
Digital input
Driver data input, 2-MΩ pull-up to VCC
GND
5
Ground
Device ground
A
6
Bus input/output
Bus I/O port A (complementary to B)
B
7
Bus input/output
Bus I/O port B (complementary to A)
VCC
8
Power
3.3-V to 5-V device supply
www.ti.com
THVD8010
SLLSFK4 – NOVEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: THVD8010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com