Electronic Components Datasheet Search
  English  ▼

X  

THVD8010DDFR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # THVD8010DDFR
Description  THVD8010 RS-485 Transceiver with OOK Modulation for Power Line Communication
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THVD8010DDFR Datasheet(HTML) 4 Page - Texas Instruments

  THVD8010DDFR Datasheet HTML 1Page - Texas Instruments THVD8010DDFR Datasheet HTML 2Page - Texas Instruments THVD8010DDFR Datasheet HTML 3Page - Texas Instruments THVD8010DDFR Datasheet HTML 4Page - Texas Instruments THVD8010DDFR Datasheet HTML 5Page - Texas Instruments THVD8010DDFR Datasheet HTML 6Page - Texas Instruments THVD8010DDFR Datasheet HTML 7Page - Texas Instruments THVD8010DDFR Datasheet HTML 8Page - Texas Instruments THVD8010DDFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
see (1)
MIN
MAX
UNIT
VCC
Supply voltage
–0.5
7
V
VL
Input voltage at any logic pin (D, MODE or F_SET)
–0.3
5.7
V
VA, VB Voltage at A or B inputs (differential or with respect to GND)
–18
18
V
IO
Receiver output current
–24
24
mA
TJ
Junction temperature
170
°C
TSTG
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Section 6.4 is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per ANSI/ESDA/JEDEC
JS-001(1)
A and B pins to GND
±16,000
V
All pins
±4,000
Charged-device model (CDM), per JEDEC specification
JESD22-C101(2)
All pins
±1,500
(1)
JEDEC document JEP155 states that 500-V HBM allows safemanufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safemanufacturing with a standard ESD control process.
6.3 ESD Ratings - IEC Specifications
VALUE
UNIT
V(ESD)
Electrostatic discharge
IEC 61000-4-2 ESD contact discharge, A and B pins to GND
±8
kV
IEC 61000-4-2 ESD air gap discharge, A and B pins to GND
±15
IEC 61000-4-4 electrical fast transient, A and B pins to GND
±4
6.4 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
5.5
V
VID
Input differential voltage (A and B pins)
–7
12
V
VCM
Operational common mode voltage (A and B pins)
–7
12
V
VIH
High-level input voltage (D and MODE pins)
2
VCC
V
VIL
Low-level input voltage (D and MODE pins)
0
0.8
V
IO
Output current
Driver
–60
60
mA
Receiver
–4
4
RF_SET Carrier frequency selection resistor
32
80
kΩ
ΔR
F_SET
Carrier frequency selection resistor tolerance
–2
2
%
1/tUI
Data rate
Modulation mode(1)
f0 / 10
bps
CF_SET Recommended load capacitance on F_SET pin
100
pF
TA
Operating ambient temperature
–40
125
°C
(1)
f0 is the carrier frequency (in Hz) set by the external resistor between F_SET and GND pins.
THVD8010
SLLSFK4 – NOVEMBER 2020
www.ti.com
4
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: THVD8010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com