Electronic Components Datasheet Search
  English  ▼

X  

THVD8010DDFR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # THVD8010DDFR
Description  THVD8010 RS-485 Transceiver with OOK Modulation for Power Line Communication
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THVD8010DDFR Datasheet(HTML) 17 Page - Texas Instruments

Back Button THVD8010DDFR Datasheet HTML 13Page - Texas Instruments THVD8010DDFR Datasheet HTML 14Page - Texas Instruments THVD8010DDFR Datasheet HTML 15Page - Texas Instruments THVD8010DDFR Datasheet HTML 16Page - Texas Instruments THVD8010DDFR Datasheet HTML 17Page - Texas Instruments THVD8010DDFR Datasheet HTML 18Page - Texas Instruments THVD8010DDFR Datasheet HTML 19Page - Texas Instruments THVD8010DDFR Datasheet HTML 20Page - Texas Instruments THVD8010DDFR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
8.4 Device Functional Modes
Table 8-2. Functional Modes
F_SET Configuration
Device Functional Mode
RF_SET between F_SET and GND
OOK mode, f0 set by the RF_SET value
F_SET at high impedance
Invalid, not recommended for normal operation
F_SET at VCC
F_SET short to GND
8.4.1 OOK Mode
Data at the D input is modulated with the carrier frequency set by the R F_SET value when the device is
transmitting (MODE = VCC). See Section 8.3.1 section for more details. In receiving (MODE = GND), the device
expects an OOK modulated signal at the A and B inputs. The data is demodulated and sent out via R pin. See
Section 8.3.2 section for more details.
Table 8-3. Driver function table for OOK mode
INPUTS
OUTPUTS
FUNCTION
F_SET
MODE
D
A
B
RF_SET (See Table 8-1)
H
H or Z
Bias to VCM
Bias to VCM
Driver is actively biased to
VCM on the bus
H
L
Oscillating
Oscillating
Bus actively driven at
carrier frequency
L or Z
X
Z
Z
Driver disabled, device in
receive mode
Table 8-4. Receiver function table for OOK mode
INPUTS
OUTPUT
FUNCTION
F_SET
MODE
Input
R
RF_SET (See Table 8-1)
L or Z
Oscillating at F_SET and VID > V
MAG_ZERO
L
Receive valid bus low
L or Z
Oscillating at F_SET and V
MAG_ONE < VID < VMAG_ZERO
?
Receive invalid bus, output
indeterminate
L or Z
Oscillating at F_SET and VID < V
MAG_ONE
H
Receive valid bus high
L or Z
Z / not oscillating
H
Receive valid bus high
L or Z
OPEN, SHORT, IDLE (VID = 0 V)
H
Failsafe high output
H
X
Z
Receiver disabled, device in
transmit mode
8.4.2 Thermal shutdown (TSD)
The THVD8010 has a protection feature called thermal shutdown. When the junction temperature reaches TSD,
the device enters thermal shutdown protection mode. This mode disables the driver and receiver outputs, which
will halt all communication through the device. Normal operation resume once the junction temperature drops out
of thermal shutdown, which is typically TSD - THYS.
www.ti.com
THVD8010
SLLSFK4 – NOVEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: THVD8010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com