Electronic Components Datasheet Search
  English  ▼

X  

THVD8010DDFR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THVD8010DDFR
Description  THVD8010 RS-485 Transceiver with OOK Modulation for Power Line Communication
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THVD8010DDFR Datasheet(HTML) 1 Page - Texas Instruments

  THVD8010DDFR Datasheet HTML 1Page - Texas Instruments THVD8010DDFR Datasheet HTML 2Page - Texas Instruments THVD8010DDFR Datasheet HTML 3Page - Texas Instruments THVD8010DDFR Datasheet HTML 4Page - Texas Instruments THVD8010DDFR Datasheet HTML 5Page - Texas Instruments THVD8010DDFR Datasheet HTML 6Page - Texas Instruments THVD8010DDFR Datasheet HTML 7Page - Texas Instruments THVD8010DDFR Datasheet HTML 8Page - Texas Instruments THVD8010DDFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
THVD8010 RS-485 Transceiver with OOK Modulation for Power Line Communication
1 Features
• 3-V – 5.5-V supply voltage
• Half-duplex communication
– Up to 30 Kbps data rate (OOK)
• RS-485 electrical signaling with on-off keying
(OOK) modulation
• Polarity Free
• Good noise immunity
• Pin selectable carrier frequency: 125 kHz – 300
KHz
• Spread spectrum clocking for excellent EMI
performance
• TX timeout to avoid stuck bus conditions
• Operational common-mode range: –7 V to 12 V
• Bus I/O protection
– ± 18-V DC fault protection
– ± 16 kV HBM ESD
– ± 8 kV IEC 61000-4-2 contact discharge
– ± 15 kV IEC 61000-4-2 air gap discharge
– ± 4 kV IEC 61000-4-4 fast transient burst
• Extended temperature range: -40°C to 125°C
• 8-Pin SOT-23 package for space constrained
applications
2 Applications
• HVAC systems
• Building automation
• Factory automation & control
• Appliances
• Lighting
• Grid infrastructure
3 Description
THVD8010 is an RS-485 transceiver with on-off
keying (OOK) modulation and demodulation built in
for power line communication. Modulating data onto
existing power lines allows power delivery and data
communication to share a common pair of wires,
resulting in a significant reduction of the system cost.
A pin programmable interface simplifies the system
design. The carrier frequency can be adjusted by
changing an external resistor on the F_SET pin. A
broad range of carrier frequencies gives the system
designer the flexibility to choose the external inductors
and capacitors. In addition, OOK modulation operates
with immunity to data polarity for ease of system
installations.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
THVD8010
SOT-23 (8)
2.90 mm × 1.60 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Spacer
AC/DC
supply
THVD8010
L1
L2
L3
L4
C3
C4
C1
C2
D
R
MODE
Vcc
GND
THVD8010
D
R
MODE MCU
Vcc
GND
MCU
Load
Simplified Schematic
www.ti.com
THVD8010
SLLSFK4 – NOVEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: THVD8010
THVD8010
SLLSFK4 – NOVEMBER 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - THVD8010DDFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THVD8000 TI1-THVD8000 Datasheet
868Kb / 26P
THVD8000 RS-485 Transceiver with OOK Modulation for Power Line Communication
THVD8000DDFR TI1-THVD8000DDFR Datasheet
868Kb / 26P
THVD8000 RS-485 Transceiver with OOK Modulation for Power Line Communication
THVD8000T TI1-THVD8000T Datasheet
1Mb / 27P
THVD8000T RS-485 Transceiver with OOK Modulation and Extended Temperature Range for Power Line Communication
MARCH 2025
THVD8000TDDFR TI1-THVD8000TDDFR Datasheet
1Mb / 27P
THVD8000T RS-485 Transceiver with OOK Modulation and Extended Temperature Range for Power Line Communication
MARCH 2025
More results

Similar Description - THVD8010DDFR

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M75176P MITSUBISHI-M75176P Datasheet
166Kb / 9P
RS-485 TRANSCEIVER
logo
STMicroelectronics
ST485 STMICROELECTRONICS-ST485 Datasheet
545Kb / 19P
Low power RS-485/RS-422 transceiver
21-Mar-2006
ST75C176 STMICROELECTRONICS-ST75C176 Datasheet
301Kb / 13P
LOW POWER RS-485/RS-422 TRANSCEIVER
Jun-2003
logo
Texas Instruments
SN65HVD3082E TI-SN65HVD3082E Datasheet
370Kb / 21P
LOW-POWER RS-485 TRANSCEIVER
logo
STMicroelectronics
ST485_068 STMICROELECTRONICS-ST485_068 Datasheet
306Kb / 19P
Low power RS-485/RS-422 transceiver
02-Aug-2006
ST75C176 STMICROELECTRONICS-ST75C176_06 Datasheet
260Kb / 18P
LOW POWER RS-485/RS-422 TRANSCEIVER
04-May-2006
logo
Texas Instruments
SN65HVD3082E TI-SN65HVD3082E_08 Datasheet
524Kb / 23P
LOW-POWER RS-485 TRANSCEIVER
logo
STMicroelectronics
ST485B STMICROELECTRONICS-ST485B Datasheet
730Kb / 19P
Low power RS-485/RS-422 transceiver
07-Feb-2008
ST75C176B STMICROELECTRONICS-ST75C176B Datasheet
326Kb / 17P
Low power RS-485/RS-422 transceiver
07-Nov-2007
logo
Texas Instruments
THVD8000 TI1-THVD8000 Datasheet
868Kb / 26P
THVD8000 RS-485 Transceiver with OOK Modulation for Power Line Communication
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com