Electronic Components Datasheet Search
  English  ▼

X  

LTC3370 Datasheet(PDF) 14 Page - Analog Devices

Part # LTC3370
Description  Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3370 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTC3370 Datasheet HTML 10Page - Analog Devices LTC3370 Datasheet HTML 11Page - Analog Devices LTC3370 Datasheet HTML 12Page - Analog Devices LTC3370 Datasheet HTML 13Page - Analog Devices LTC3370 Datasheet HTML 14Page - Analog Devices LTC3370 Datasheet HTML 15Page - Analog Devices LTC3370 Datasheet HTML 16Page - Analog Devices LTC3370 Datasheet HTML 17Page - Analog Devices LTC3370 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
LTC3315B
14
Rev. 0
For more information www.analog.com
is significant inductance due to long wires or cables, ad-
ditional bulk capacitance may be necessary. This can be
provided with an electrolytic capacitor. A ceramic input
capacitor combined with trace or cable inductance forms
ahighquality(underdamped)tankcircuit.IftheLTC3315B
circuit is plugged in to a live supply, the input voltage can
ring to twice its nominal value, possibly exceeding the
voltage rating. This situation is easily avoided (see Linear
Technology Application Note 88).
Table 2. Ceramic Capacitor Manufacturers
MANUFACTURER
URL
AVX
www.avxcorp.com
Murata
www.murata.com
TDK
www.tdk.com
Taiyo Yuden
www.t-yuden.com
Samsung
www.samsungsem.com
Wurth Elektronik
www.we-online.com
Output Capacitor, Output Ripple, and Loop Response
The output capacitor has two essential functions. Along
with the inductor, it filters the square wave generated by
the LTC3315B at the SW pin to produce the DC output. In
this role it determines the output ripple; thus, low imped-
ance at the switching frequency is important. The second
function is to store energy in order to satisfy transient
loads and to stabilize the LTC3315B’s control loop.
APPLICATIONS INFORMATION
The LTC3315B is internally compensated and designed to
operate at a high bandwidth for fast transient response
capability. The selection of COUT affects the bandwidth of
the system, but the transient response is also affected by
VOUT, VIN, fSW and other factors. A good place to start is
with an output capacitance value of approximately:
COUT =
80µF •MHz
fSW
500mV
VOUT
(7)
where COUT is the recommended output capacitor value
and fSWistheswitchingfrequency.Alowervalueofoutput
capacitorsavesspaceandcost,buttransientperformance
will suffer and loop stability must be verified. Ceramic ca-
pacitors have very low equivalent series resistance (ESR)
and provide the best output ripple and transient perfor-
mance. Use X5R or X7R ceramic capacitors. (see Table 2).
Even better output ripple and transient performance can
be achieved by using low-ESL reverse geometry or three
terminal ceramic capacitors.
Duringaloadstep,theoutputcapacitormustinstantaneously
supply the current to support the load until the feedback
loop increases the switch current enough to support the
load. The time required for the feedback loop to respond
is dependent on the compensation components and the
output capacitor size. Typically, 3 to 4 cycles are required
to respond to a load step, but only in the first cycle does the
output drop linearly. Although affected by VOUT, VIN, fSW,
Table 1. Recommended Inductors
MANUFACTURER
FAMILY
L (nH)
MAX IDC (A)
MAX DCR (mΩ)
SIZE IN mm (L × W × H)
Murata
DFE18SAN_G0
240, 470
3.3 - 4.9
30 - 54
1.6 × 0.8 × 1.0
Murata
DFE201210S
110, 470
4.8 - 8.8
12 - 32
2.0 × 1.2 × 1.0
Murata
DFE201210U
240 - 680
3.6 - 6.5
25 - 60
2.0 × 1.2 × 1.0
Murata
DFE201610E
240 - 680
4.3 - 6.3
20 - 43
2.0 × 1.6 × 1.0
Murata
DFE252010F
220 - 820
4.5 - 7.2
16 - 40
2.5 × 2.0 × 1.0
Vishay
IHHP-0806AB-01
220 - 470
3.6-5.2
16 - 35
2.0 × 1.6 × 1.2
Vishay
IHHP-1008AB-01
220 - 470
4.5 - 6.5
10.5 - 26
2.5 × 2.0 × 1.2
NIC
NPMH0805
240 - 470
3.3 - 4.5
28 - 42
2.0 × 1.2 × 1.0
NIC
NPMH0806
240 - 470
3.5 - 4.7
23 - 42
2.0 × 1.6 × 1.0
NIC
NPMH1008
240 - 680
4.5 - 8.0
18 - 40
2.5 × 2.0 × 1.0
XFRMS
XFHCL43LT
220 - 470
3.8 - 7.0
13 - 25
2.5 × 2.0 × 1.2
WURTH ELECTRONIK
WE-PMCI-0806
240 - 680
3.4 - 5.4
19 -45
2.0 × 1.6 × 1.0
WURTH ELECTRONIK
WE-LQS-2512
160 - 680
3.5 - 6.4
16 - 35
2.5 × 2.0 × 1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com