Electronic Components Datasheet Search
  English  ▼

X  

LTC3370 Datasheet(PDF) 17 Page - Analog Devices

Part # LTC3370
Description  Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3370 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTC3370 Datasheet HTML 13Page - Analog Devices LTC3370 Datasheet HTML 14Page - Analog Devices LTC3370 Datasheet HTML 15Page - Analog Devices LTC3370 Datasheet HTML 16Page - Analog Devices LTC3370 Datasheet HTML 17Page - Analog Devices LTC3370 Datasheet HTML 18Page - Analog Devices LTC3370 Datasheet HTML 19Page - Analog Devices LTC3370 Datasheet HTML 20Page - Analog Devices LTC3370 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
LTC3315B
17
Rev. 0
For more information www.analog.com
Figure 4. Multi-Layer PCB with Thermal Vias Acts as a Heat Sink
APPLICATIONS INFORMATION
θJCBOTTOM
θJCTOP
θCA
θCB
θCB
θCB
θCB
θVIA
θBA
θBA
θBA
θBA
PCB
LQFN
TJ
TA
TA
TA
TA
PD
PCB
TA
3315B F04
DIE
PACKAGE
SUBSTRATE
where θJCB  =  θJCBOTTOM = 10°C/W. The value of
θJA = 51°C/W reported in the Pin Configuration section
corresponds to JEDEC standard 2S2P test PCB, which
does not have good thermal vias, i.e., θVIA is relatively
high. Assuming, somewhat arbitrarily but not unreason-
ably, that θVIA ~ (θCB + θBA)/2, and back calculating it is
seen that (θCB + θBA)/2 = θVIA ≈ 60°C/W for such a board.
The importance of thermal vias becomes clear observing
that if the test PCB had low-thermal-resistance vias, the
θJA would have been reduced by up to 10°C/W, which is
an improvement of up to 20%. Similarly, having more
ground planes that are larger, uninterrupted and higher-
copper-weight improves θCB + θBA, which has a dominant
effect on θJA, given the low value of θJCBOTTOM of the
package. The maximum load current should be derated
as the ambient temperature approaches the maximum
junction rating. Power dissipation within the LTC3315B
is estimated by calculating the total power loss from an
efficiency measurement and subtracting the inductor loss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com