Electronic Components Datasheet Search
  English  ▼

X  

TMUX6212 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX6212
Description  TMUX621x 36-V, Low-Ron, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX6212 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMUX6212 Datasheet HTML 9Page - Texas Instruments TMUX6212 Datasheet HTML 10Page - Texas Instruments TMUX6212 Datasheet HTML 11Page - Texas Instruments TMUX6212 Datasheet HTML 12Page - Texas Instruments TMUX6212 Datasheet HTML 13Page - Texas Instruments TMUX6212 Datasheet HTML 14Page - Texas Instruments TMUX6212 Datasheet HTML 15Page - Texas Instruments TMUX6212 Datasheet HTML 16Page - Texas Instruments TMUX6212 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
8.4 Device Functional Modes
The TMUX621x devices have four independently selectable single-pole, single-throw switches that are turned-on
or turned-off based on the state of the corresponding select pin. The control pins can be as high as 36 V.
The TMUX621x devices can be operated without any external components except for the supply decoupling
capacitors. Unused logic control pins should be tied to GND or VDD in order to ensure the device does not
consume additional current as highlighted in Implications of Slow or Floating CMOS Inputs. Unused signal path
inputs (Sx or Dx) should be connection to GND.
8.5 Truth Tables
Table 8-1, Table 8-2, and Table 8-3 show the truth tables for the TMUX6211, TMUX6212, and TMUX6213,
respectively.
Table 8-1. TMUX6211 Truth Table
SEL x (1)
CHANNEL x
0
Channel x ON
1
Channel x OFF
Table 8-2. TMUX6212 Truth Table
SEL x (1)
CHANNEL x
0
Channel x OFF
1
Channel x ON
Table 8-3. TMUX6213 Truth Table
SEL x (1)
CHANNEL 1 / CHANNEL 4
CHANNEL 2 / CHANNEL 3
0
OFF
ON
1
ON
OFF
(1)
x denotes 1, 2, 3, or 4 for the corresponding channel.
www.ti.com
TMUX6211, TMUX6212, TMUX6213
SCDS431 – OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMUX6211 TMUX6212 TMUX6213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com