Electronic Components Datasheet Search
  English  ▼

X  

TMUX6212 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX6212
Description  TMUX621x 36-V, Low-Ron, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX6212 Datasheet(HTML) 2 Page - Texas Instruments

  TMUX6212 Datasheet HTML 1Page - Texas Instruments TMUX6212 Datasheet HTML 2Page - Texas Instruments TMUX6212 Datasheet HTML 3Page - Texas Instruments TMUX6212 Datasheet HTML 4Page - Texas Instruments TMUX6212 Datasheet HTML 5Page - Texas Instruments TMUX6212 Datasheet HTML 6Page - Texas Instruments TMUX6212 Datasheet HTML 7Page - Texas Instruments TMUX6212 Datasheet HTML 8Page - Texas Instruments TMUX6212 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Device Comparison Table...............................................3
6 Pin Configuration and Functions...................................3
7 Specifications.................................................................. 4
7.1 Absolute Maximum Ratings ....................................... 4
7.2 ESD Ratings .............................................................. 4
7.3 Thermal Information ...................................................4
7.4 Recommended Operating Conditions ........................5
7.5 Source or Drain Continuous Current ..........................5
7.6 ±15 V Dual Supply: Electrical Characteristics ...........6
7.7 ±15 V Dual Supply: Switching Characteristics .......... 7
7.8 12 V Single Supply: Electrical Characteristics .......... 8
7.9 12 V Single Supply: Switching Characteristics ......... 9
7.10 ±5 V Dual Supply: Electrical Characteristics .........10
7.11 ±5 V Dual Supply: Switching Characteristics .........11
8 Detailed Description......................................................12
8.1 Overview................................................................... 12
8.2 Functional Block Diagram......................................... 12
8.3 Feature Description...................................................12
8.4 Device Functional Modes..........................................13
8.5 Truth Tables.............................................................. 13
9 Application and Implementation.................................. 14
9.1 Application Information............................................. 14
9.2 Typical Application ................................................... 14
9.3 Design Requirements............................................... 15
9.4 Detailed Design Procedure....................................... 15
10 Power Supply Recommendations..............................16
11 Layout........................................................................... 17
11.1 Layout Guidelines................................................... 17
11.2 Layout Example...................................................... 18
12 Device and Documentation Support..........................19
12.1 Documentation Support.......................................... 19
12.2 Receiving Notification of Documentation Updates..19
12.3 Support Resources................................................. 19
12.4 Trademarks.............................................................19
12.5 Electrostatic Discharge Caution..............................19
12.6 Glossary..................................................................19
13 Mechanical, Packaging, and Orderable
Information.................................................................... 20
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
October 2020
*
Initial Release
TMUX6211, TMUX6212, TMUX6213
SCDS431 – OCTOBER 2020
www.ti.com
2
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TMUX6211 TMUX6212 TMUX6213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com