Electronic Components Datasheet Search
  English  ▼

X  

TMUX6212 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX6212
Description  TMUX621x 36-V, Low-Ron, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX6212 Datasheet(HTML) 3 Page - Texas Instruments

  TMUX6212 Datasheet HTML 1Page - Texas Instruments TMUX6212 Datasheet HTML 2Page - Texas Instruments TMUX6212 Datasheet HTML 3Page - Texas Instruments TMUX6212 Datasheet HTML 4Page - Texas Instruments TMUX6212 Datasheet HTML 5Page - Texas Instruments TMUX6212 Datasheet HTML 6Page - Texas Instruments TMUX6212 Datasheet HTML 7Page - Texas Instruments TMUX6212 Datasheet HTML 8Page - Texas Instruments TMUX6212 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
5 Device Comparison Table
PRODUCT
DESCRIPTION
TMUX6211
Low-Leakage-Current, Precision, 4-Channel, 1:1 (SPST) Switches (Normally Closed)
TMUX6212
Low-Leakage-Current, Precision, 4-Channel, 1:1 (SPST) Switches (Normally Open)
TMUX6213
Low-Leakage-Current, Precision, 4-Channel, 1:1 (SPST) Switches (Dual Open + Dual Closed)
6 Pin Configuration and Functions
1
SEL1
16
SEL2
2
D1
15
D2
3
S1
14
S2
4
VSS
13
VDD
5
GND
12
N.C.
6
S4
11
S3
7
D4
10
D3
8
SEL4
9
SEL3
Not to scale
Figure 6-1. PW Package
16-Pin TSSOP
Top View
1
S1
12
S2
2
VSS
11
VDD
3
GND
10
N.C.
4
S4
9
S3
Not to scale
Thermal
Pad
Figure 6-2. RUM Package
16-Pin WQFN
Top View
Table 6-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION(2)
NAME
TSSOP
WQFN
SEL1
1
15
I
Logic control input 1, has internal pull-down resistor. Controls channel 1 state as shown in Section
8.5.
D1
2
16
I/O
Drain pin 1. Can be an input or output.
S1
3
1
I/O
Source pin 1. Can be an input or output.
VSS
4
2
P
Negative power supply. This pin is the most negative power-supply potential. In single-supply
applications, this pin can be connected to ground. For reliable operation, connect a decoupling
capacitor ranging from 0.1 μF to 10 μF between VSS and GND.
GND
5
3
P
Ground (0 V) reference
S4
6
4
I/O
Source pin 4. Can be an input or output.
D4
7
5
I/O
Drain pin 4. Can be an input or output.
SEL4
8
6
I
Logic control input 4, has internal pull-down resistor. Controls channel 4 state as shown in Section
8.5.
SEL3
9
7
I
Logic control input 3, has internal pull-down resistor. Controls channel 3 state as shown in Section
8.5.
D3
10
8
I/O
Drain pin 3. Can be an input or output.
S3
11
9
I/O
Source pin 3. Can be an input or output.
N.C.
12
10
-
No internal connection.
VDD
13
11
P
Positive power supply. This pin is the most positive power-supply potential. For reliable operation,
connect a decoupling capacitor ranging from 0.1 µF to 10 µF between VDD and GND.
S2
14
12
I/O
Source pin 2. Can be an input or output.
D2
15
13
I/O
Drain pin 2. Can be an input or output.
SEL2
16
14
I
Logic control input 2, has internal pull-down resistor. Controls channel 2 state as shown in Section
8.5.
(1)
I = input, O = output, I/O = input and output, P = power.
(2)
Refer to Section 8.4 for what to do with unused pins.
www.ti.com
TMUX6211, TMUX6212, TMUX6213
SCDS431 – OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TMUX6211 TMUX6212 TMUX6213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com