Electronic Components Datasheet Search
  English  ▼

X  

TMUX6213 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX6213
Description  TMUX621x 36-V, Low-Ron, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX6213 Datasheet(HTML) 5 Page - Texas Instruments

  TMUX6213 Datasheet HTML 1Page - Texas Instruments TMUX6213 Datasheet HTML 2Page - Texas Instruments TMUX6213 Datasheet HTML 3Page - Texas Instruments TMUX6213 Datasheet HTML 4Page - Texas Instruments TMUX6213 Datasheet HTML 5Page - Texas Instruments TMUX6213 Datasheet HTML 6Page - Texas Instruments TMUX6213 Datasheet HTML 7Page - Texas Instruments TMUX6213 Datasheet HTML 8Page - Texas Instruments TMUX6213 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
7.4 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD - VSS (1)
Power supply voltage differential
4.5
36
V
VDD
Positive power supply voltage
4.5
36
V
VS or VD
Signal path input/output voltage (source or drain pin) (Sx, D)
VSS
VDD
V
VSEL or VEN
Address or enable pin voltage
0
36
V
IS or ID (CONT)
Source or drain continuous current (Sx, D)
IDC (2)
TA
Ambient temperature
–40
125
°C
(1)
VDD and VSS can be any value as long as 4.5 V ≤ (VDD – VSS) ≤ 36 V, and the minimum VDD is met.
(2)
Refer to Source or Drain Continuous Current table for IDC specifications.
7.5 Source or Drain Continuous Current
at supply voltage of VDD ± 10%, VSS ± 10 % (unless otherwise noted)
CONTINUOUS CURRENT PER CHANNEL (IDC)
TA = 25°C
TA = 85°C
TA = 125°C
UNIT
PACKAGE
TEST CONDITIONS
PW (TSSOP)
±15 V Dual Supply
370
240
145
mA
+12 V Single Supply
270
190
120
mA
±5 V Dual Supply
260
180
118
mA
+5 V Single Supply
200
140
100
mA
www.ti.com
TMUX6211, TMUX6212, TMUX6213
SCDS431 – OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TMUX6211 TMUX6212 TMUX6213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com