Electronic Components Datasheet Search
  English  ▼

X  

TMUX6213 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX6213
Description  TMUX621x 36-V, Low-Ron, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX6213 Datasheet(HTML) 1 Page - Texas Instruments

  TMUX6213 Datasheet HTML 1Page - Texas Instruments TMUX6213 Datasheet HTML 2Page - Texas Instruments TMUX6213 Datasheet HTML 3Page - Texas Instruments TMUX6213 Datasheet HTML 4Page - Texas Instruments TMUX6213 Datasheet HTML 5Page - Texas Instruments TMUX6213 Datasheet HTML 6Page - Texas Instruments TMUX6213 Datasheet HTML 7Page - Texas Instruments TMUX6213 Datasheet HTML 8Page - Texas Instruments TMUX6213 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
TMUX621x 36-V, Low-Ron, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
1 Features
• Dual Supply Range: ±4.5 V to ±18 V
• Single Supply Range: 4.5 V to 36 V
• Low On-Resistance: 2 Ω
• –40°C to +125°C Operating Temperature
• Logic Levels: L8 V to VDD
• Fail-Safe Logic
• Rail-to-Rail Operation
• Bidirectional Operation
• Break-Before-Make Switching
• ESD Protection HBM: 2000 V
2 Applications
• Sample-and-Hold Circuits
• Feedback Gain Switching
• Signal Isolation
• Field Transmitters
• Programmable Logic Controllers (PLC)
• Factory Automation and Control
• Ultrasound Scanners
• Patient Monitoring & Diagnostics
• Electrocardiogram (ECG)
• Data Acquisition Systems (DAQ)
• Semiconductor Test Equipment
• LCD Test
• Instrumentation: Lab, Analytical, Portable
• Ultrasonic Smart Meters: Water and Gas
• Optical Networking
• Optical Test Equipment
3 Description
The TMUX6211, TMUX6212, and TMUX6213 are
complementary metal-oxide semiconductor (CMOS)
switches with four independently selectable 1:1,
single-pole, singlethrow (SPST) switch channels. The
devices work well with dual supplies (±4.5 V to
±18 V), a single supply (4.5 V to 36 V), or asymmetric
supplies (such as VDD = 12 V, VSS = –5 V). The
TMUX621x supports bidirectional analog and digital
signals on the source (Sx) and drain (D) pins ranging
from VSS to VDD.
The switches of the TMUX6211 are turned on with
Logic 0 on the appropriate logic control inputs, while
Logic 1 is required to turn on switches in the
TMUX6212. The four channels of the TMUX6213 are
split with two switches supporting Logic 0, while the
other two switches support Logic 1. The TMUX6213
exhibits break-before-make switching, allowing the
device
to
be
used
in
cross-point
switching
applications.
The TMUX621x are part of the precision switches and
multiplexers family of devices. These devices have
very low on and off leakage currents and low charge
injection, allowing them to be used in high precision
measurement applications.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMUX6211
TSSOP (16) (PW)
5.00 mm × 4.40 mm
TMUX6212
WQFN (16) (RUM)
4.00 mm x 4.00 mm
TMUX6213
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
S1
S2
S3
S4
SEL1
SEL2
SEL3
SEL4
D1
D2
D3
D4
TMUX1111
S1
S2
S3
S4
D1
D2
D3
D4
TMUX1112
S1
S2
S3
S4
D1
D2
D3
D4
TMUX1113
SEL1
SEL2
SEL3
SEL4
SEL1
SEL2
SEL3
SEL4
CHANNEL 1
CHANNEL 2
CHANNEL 3
CHANNEL 4
CHANNEL 1
CHANNEL 2
CHANNEL 3
CHANNEL 4
CHANNEL 1
CHANNEL 2
CHANNEL 3
CHANNEL 4
ALL SWITCHES SHOWN FOR A LOGIC 0 INPUT
TMUX621x Block Diagrams
www.ti.com
TMUX6211, TMUX6212, TMUX6213
SCDS431 – OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: TMUX6211 TMUX6212 TMUX6213
TMUX6211, TMUX6212, TMUX6213
SCDS431 – OCTOBER 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - TMUX6213

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX6213 TI2-TMUX6213 Datasheet
2Mb / 45P
TMUX621x 36V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8V Logic
REVISED JULY 2024
TMUX6213PWR TI2-TMUX6213PWR Datasheet
2Mb / 45P
TMUX621x 36V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8V Logic
REVISED JULY 2024
TMUX6213PWR.B TI2-TMUX6213PWR.B Datasheet
2Mb / 45P
TMUX621x 36V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8V Logic
REVISED JULY 2024
TMUX6213RUMR TI2-TMUX6213RUMR Datasheet
2Mb / 45P
TMUX621x 36V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8V Logic
REVISED JULY 2024
TMUX6213RUMR.B TI2-TMUX6213RUMR.B Datasheet
2Mb / 45P
TMUX621x 36V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8V Logic
REVISED JULY 2024
More results

Similar Description - TMUX6213

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX7211 TI-TMUX7211 Datasheet
2Mb / 40P
TMUX721x 44-V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
TMUX7211 TI-TMUX7211_V01 Datasheet
2Mb / 42P
TMUX721x 44 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
TMUX6234 TI-TMUX6234 Datasheet
1Mb / 36P
TMUX6234 36 V, Low Ron, 2:1, 4 Channel Precision Switches with 1.8 V Logic
AUGUST 2021
TMUX6234 TI1-TMUX6234_V01 Datasheet
1Mb / 42P
TMUX6234 36 V, Low Ron, 2:1, 4 Channel Precision Switches with 1.8 V Logic
REVISED DECEMBER 2022
TMUX6201 TI-TMUX6201 Datasheet
1Mb / 41P
TMUX620x 36 V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With 1.8-V Logic
REVISED MARCH 2023
TMUX6221 TI-TMUX6221 Datasheet
1Mb / 36P
TMUX622x 36 V, Low-RON, 1:1 (SPST), 2-Channel Switches with 1.8-V Logic
MARCH 2023
TMUX7612 TI1-TMUX7612 Datasheet
1Mb / 34P
TMUX7612 50 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
AUGUST 2023
TMUX6221 TI-TMUX6221_V01 Datasheet
1Mb / 35P
TMUX622x 36 V, Low-RON, 1:1 (SPST), 2-Channel Switches with 1.8-V Logic
REVISED SEPTEMBER 2023
TMUX7612-Q1 TI-TMUX7612-Q1 Datasheet
1Mb / 32P
TMUX7612-Q1 Automotive 50 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
AUGUST 2023
TMUX7612 TI-TMUX7612_V01 Datasheet
1Mb / 38P
TMUX7612 50 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com