Electronic Components Datasheet Search
  English  ▼

X  

LM3075 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3075
Description  High Efficiency, Synchronous Current Mode Buck Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3075 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM3075 Datasheet HTML 1Page - National Semiconductor (TI) LM3075 Datasheet HTML 2Page - National Semiconductor (TI) LM3075 Datasheet HTML 3Page - National Semiconductor (TI) LM3075 Datasheet HTML 4Page - National Semiconductor (TI) LM3075 Datasheet HTML 5Page - National Semiconductor (TI) LM3075 Datasheet HTML 6Page - National Semiconductor (TI) LM3075 Datasheet HTML 7Page - National Semiconductor (TI) LM3075 Datasheet HTML 8Page - National Semiconductor (TI) LM3075 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Voltages from the indicated pins to GND:
VIN, ILIM, CSH
−0.3V to 38V
SW, CSL
−0.3 to (V
IN + 0.3V)
PGOOD, FB, VDD, EXT, EN
−0.3V to +7V
COMP, SS, FPWM, FS
−0.3V to (V
LIN5
+0.3)V
CBOOT
-0.3V to +43V
CBOOT to SW
−0.3V to 7V
LDRV
−0.3V to (V
DD+0.3V)
HDRV to SW
−0.3V
HDRV to CBOOT
+0.3V
Storage Temperature Range
−65˚C to +150˚C
Junction Temperature
150˚C
Lead Temperature (Soldering, 10
sec)
260˚C
ESD Rating (Note 2)
1.5kV
Operating Ratings(Note 1)
Junction Temperature
−40˚C to +125˚C
VIN to GND
4.5V to 36V
EXT
6V Max
Electrical Characteristics Limits in standard type are for T
J = 25˚C only, and limits in boldface type apply
over the junction temperature T
J range of -40˚C to +125˚C. Minimum and Maximum limits are guaranteed through test, de-
sign, or statistical correlation. Typical values represent the most likely parametric norm at T
J = 25˚C, and are provided for ref-
erence purposes only. Unless otherwise specified V
IN = 12V.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
V
FB
Feedback pin voltage
V
IN = 4.5V to 36V
1.213
1.238
1.259
V
Load Regulation
V
COMP = 0.5V to 1.5V
0.04
%
Line Regulation
V
IN = 4.5V to 36V
0.04
%
I
Q
Operating Quiescent current V
IN = 4.5V to 36V
1.0
2
mA
I
SD
Shutdown Quiescent current V
EN =0V
60
100
µA
V
LIN5
V
LIN5 Output Voltage
I
VLIN5 = 0 to 25mA
V
V
IN = 5.5V to 36V
4.7
5
5.3
V
UVLO
V
LIN5 Under Voltage
Lockout
3.7
3.9
4.1
V
V
UVLO_HYS
V
LIN5 Under Voltage
Lockout Hysteresis
0.2
V
V
CL_OS
Current Limit Comparator
Offset
(V
ILIM –VCSL)
±0.2
mV
I
ILIM
I
LIM sink current
8.3
10
11.3
µA
I
SS_SRC
Soft-Start Pin Source
Current
V
SS = 1.2V
1
2
3
µA
I
SS_SNK
Soft-Start Pin Sink Current
V
SS =2V
4
µA
V
SS_TO
Soft-Start Timeout
Threshold
2V
V
OVP
Over Voltage Protection
Rising Threshold
With respect to V
FB
105
111
117
%
V
OVP_HYS
Over Voltage Protection
Hysteresis
With respect to V
FB
2.8
%
POWERGOOD
V
PWR_GOOD
PGOOD Rising Threshold
92.5
95.5
98.5
%
V
PWR_BAD
PGOOD Falling Threshold
87
90.5
95
%
T
PGOOD
PGOOD delay
PGOOD pin de-asserting
10
µs
I
OL
PGOOD Low Sink Current
V
PGOOD = 0.4V
0.6
1mA
I
OH
PGOOD High Leakage
Current
V
PGOOD =5V
5
200
nA
GATE DRIVE
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com