Electronic Components Datasheet Search
  English  ▼

X  

LM3075 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3075
Description  High Efficiency, Synchronous Current Mode Buck Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3075 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM3075 Datasheet HTML 1Page - National Semiconductor (TI) LM3075 Datasheet HTML 2Page - National Semiconductor (TI) LM3075 Datasheet HTML 3Page - National Semiconductor (TI) LM3075 Datasheet HTML 4Page - National Semiconductor (TI) LM3075 Datasheet HTML 5Page - National Semiconductor (TI) LM3075 Datasheet HTML 6Page - National Semiconductor (TI) LM3075 Datasheet HTML 7Page - National Semiconductor (TI) LM3075 Datasheet HTML 8Page - National Semiconductor (TI) LM3075 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Electrical Characteristics Limits in standard type are for T
J = 25˚C only, and limits in boldface type apply
over the junction temperature T
J range of -40˚C to +125˚C. Minimum and Maximum limits are guaranteed through test, design,
or statistical correlation. Typical values represent the most likely parametric norm at T
J = 25˚C, and are provided for reference
purposes only. Unless otherwise specified V
IN = 12V. (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
I
CBOOT
C
BOOT Leakage Current
V
CBOOT =7V
10
nA
R
ds_on 1
HDRV FET driver pull-up
On resistance
2.9
Ω
R
ds_on 2
HDRV FET driver pull-down
On resistance
1.7
Ω
R
ds_on 3
LDRV FET driver pull-up On
resistance
2.4
Ω
R
ds_on 4
LDRV FET driver pull-down
On resistance
0.8
Ω
OSCILLATOR
f
OSC
Oscillator Frequency
V
FS =5V
255
300
330
kHz
V
FS =0V
165
200
215
D
MAX
Maximum Dutycycle
V
FB =1V
95.5
98
%
T
ON_MIN
Minimum On Time
180
260
ns
ERROR AMPLIFIER
I
FB
Feedback pin bias current
V
FB = 1.5V
50
nA
I
COMP_SRC
COMP Output Source
Current
V
FB =1V
V
COMP =1V
120
µA
I
COMP_SNK
COMP Output Sink Current
V
FB = 1.5V
V
COMP = 0.5V
110
µA
Gm
Error Amplifier
Transconductance
620
µmho
A
VOL
Error Amplifier Voltage Gain
1250
V/V
V
SL
Slope Compensation
(referred to the internal
summing node)
V
FS = 0V
0.051
V/µs
V
FS = 5V
0.076
A
CS
Current Sense Amplifier
Gain
V
COMP = 1.25V
4
5
6
V/V
LOGIC
V
IL
FS, /FPWM Pin Maximum
Low Level Input Level
0.8
V
V
IH
FS, /FPWM Pin Minimum
High Level Input Level
2
V
THERMAL SHUTDOWN
T
SD
Thermal Shutdown
160
˚C
T
SD_HYS
Thermal Shutdown
Hysteresis
10
˚C
EXT
R
EXT
EXT pin on resistance
V
EXT =5V
I
VLIN5 =50mA
4
Ω
TH
EXT
VLIN5 to EXT Switch Over
Rising Threshold
4.6
V
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com