Electronic Components Datasheet Search
  English  ▼

X  

TSS463B Datasheet(PDF) 18 Page - ATMEL Corporation

Part # TSS463B
Description  VAN Data Link Controller with Serial Interface
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS463B Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button TSS463B Datasheet HTML 14Page - ATMEL Corporation TSS463B Datasheet HTML 15Page - ATMEL Corporation TSS463B Datasheet HTML 16Page - ATMEL Corporation TSS463B Datasheet HTML 17Page - ATMEL Corporation TSS463B Datasheet HTML 18Page - ATMEL Corporation TSS463B Datasheet HTML 19Page - ATMEL Corporation TSS463B Datasheet HTML 20Page - ATMEL Corporation TSS463B Datasheet HTML 21Page - ATMEL Corporation TSS463B Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 59 page
background image
18
TSS463B
4102D–AUTO–03/03
The division is done with the rest initialized to 0x7FFF, and an inversion of the CRC bits
is performed before transmission.
However, since the CRC is calculated automatically from the identifier, command and
data fields by the TSS463B, it need not concern the user of the circuit. When the frame
check sequence has been transmitted, the transmitting module must transmit an End Of
Data (EOD) sequence, followed by the ACKnowledge field (ACK) and the End of Frame
sequence (EOF) to terminate the transfer.
Figure 16. Acknowledge Sequences
Frame Examples
The frames transmitted on the VAN bus are generated by several modules, each sup-
plying different parts of the message. Figure 17 through Figure 20 show the four frame
types specified in the VAN standard, and the module that is generated by the different
fields.
•
The most straightforward frame is the normal data frame in Figure 17 Like all other
frames it is initiated with a SOF sequence. This sequence is generated by a bus
master (not shown in the figure).
During this frame there is basically only one module transmitting with the only
exception being the acknowledgement, generated by the receiving module if
requested in the RAK bit.
•
The reply request frame with immediate reply in Figure 18 is the only frame in that a
slave module can transmit data by filling it into the appropriate field.
The only difference for the frame on the bus is that the R/W bit has changed state
compared to the normal frame.
This is a highly interactive frame where a bus master generates the SOF and the
initiator generates the identifier, the three first bits of the command, and the
acknowledge. The RTR bit, the data field, the frame check, the EOD and the EOF
are all generated by the replying module.
•
The reply request frame with deferred reply in Figure 19 is basically the same frame
as the reply request frame with immediate reply, but since the requested module
does not generate the RTR bit the requesting module will continue with the frame
check, the EOD and the EOF.
During this frame the requested module will only generate the acknowledge, and
only if this was requested by the initiator through the RAK bit.
•
Finally the deferred reply frame in Figure 20 that is sent when a module has
prepared a reply for a reply request that has been received before.
This frame very closely mimics the normal data frame with the only exception being
the R/W bit that has changed state.
VAN BUS
SEQUENCE
VAN BUS
SEQUENCE
NUMBER OF
PRESCALED
CLOCKS
POSITIVE ACKNOWLEDGE
ABSENT ACKNOWLEDGE
0
8
16
24
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com