Electronic Components Datasheet Search
  English  ▼

X  

TSS463B Datasheet(PDF) 39 Page - ATMEL Corporation

Part # TSS463B
Description  VAN Data Link Controller with Serial Interface
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS463B Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button TSS463B Datasheet HTML 35Page - ATMEL Corporation TSS463B Datasheet HTML 36Page - ATMEL Corporation TSS463B Datasheet HTML 37Page - ATMEL Corporation TSS463B Datasheet HTML 38Page - ATMEL Corporation TSS463B Datasheet HTML 39Page - ATMEL Corporation TSS463B Datasheet HTML 40Page - ATMEL Corporation TSS463B Datasheet HTML 41Page - ATMEL Corporation TSS463B Datasheet HTML 42Page - ATMEL Corporation TSS463B Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
39
TSS463B
4102D–AUTO–03/03
Message Length And Status
Register
The message length and status register at address (base_address + 0x03) is also 8 bits
wide. It indicates the length of reserved for the message in the Message DATA RAM
area.
•
Read/Write register.
M_L [4:0]: Message Length
The 5 high bits of this register allows the user to specify either the length of the message
to be transmitted, or the maximum length of a message receivable in the pointed recep-
tion buffer.
Note: The first byte in this register does not contain data, but the length of the message
received. This implies that the length value has to be equal to or greater than the maxi-
mum length of a message to be received in this buffer (or the length of a message to be
transmitted) plus 1, thus allowing a maximum length of 30 bytes and a minimum length
of 0 byte.
If the value of this field is “illegal” (i.e 0x00) then this message pointer is defined as
being a link (see Message pointer and register and “Linked Channels” on page 52).
CHER: Channel Error Status
and Abort Command
As status, this bit is set by the TSS463B when error occurs in transmission or on a
received frame. The user must reset it.
To abort the transmission defined in the channel, this bit can be set to 1 by the user (see
Section “Activate, Idle and Sleep Modes”, page 51 and “Abort” on page 49)
CHTx: Channel Transmitted and
Transmit Enable Command
CHRx: Channel Received and
Receive Enable Command
The 2 low order bits of this register contain the message status. Together with the RNW
and RTR bits of the command register (base_address + 0x01), they define the message
type of this channel (see section “Message Types” on page 44). As a general rule, the
status bits are only set by the TSS463B, so the user must reset them to perform a trans-
mission (CHTx) or/and a reception (CHRx). The received and transmitted bits are only
set if the corresponding frame is without errors or if the retry count has been exceeded.
765
43
210
M_L 4
M_L 3
M_L 2
M_L 1
M_L 0
CHER
CHTx
CHRx
base_address
+ 0x03
M_L [4:0] = 0x00
Linked channel
M_L [4:0] = 0x01
Frame with no DATA field
(1)
M_L [4:0] = 0x02
Frame with 1 DATA byte
- - - - - - -
- - - - - - - - - - - - - - - - - - - - - -
M_L [4:0] = 0x1D
Frame with 28 DATA bytes
M_L [4:0] = 0x1E
Frame with 29 DATA bytes
M_L [4:0] = 0x1F
Frame with 30 DATA bytes
Note:
1.
Different of a reply request frame with no in-frame reply (deferred reply).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com