Electronic Components Datasheet Search
  English  ▼

X  

TSS463B Datasheet(PDF) 3 Page - ATMEL Corporation

Part # TSS463B
Description  VAN Data Link Controller with Serial Interface
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS463B Datasheet(HTML) 3 Page - ATMEL Corporation

  TSS463B Datasheet HTML 1Page - ATMEL Corporation TSS463B Datasheet HTML 2Page - ATMEL Corporation TSS463B Datasheet HTML 3Page - ATMEL Corporation TSS463B Datasheet HTML 4Page - ATMEL Corporation TSS463B Datasheet HTML 5Page - ATMEL Corporation TSS463B Datasheet HTML 6Page - ATMEL Corporation TSS463B Datasheet HTML 7Page - ATMEL Corporation TSS463B Datasheet HTML 8Page - ATMEL Corporation TSS463B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 59 page
background image
3
TSS463B
4102D–AUTO–03/03
Pin Configuration
1
16
215
314
413
512
6
11
710
8
9
MISO
SS
INT
RESET
VDD
XTAL1
XTAL2
TEST/VSS
CKOUT
MOSI
SCLK
GND
TXD
RXD0
RXD2
RXD1
TOP VIEW
Pin Description
I/O Type
Pin Name
Pin No
Pin Function
O 3-state
MISO
1
SPI/SCI Data Output
I trigger CMOS
SS
2
SPI/SCI Slave Select (active low)
Open-drain
INT
3
Interrupt (active low)
Power
VDD
4
+ 5V power supply
I CMOS
XTAL1
5
Crystal oscillator or clock input pin
O
XTAL2
64
Crystal oscillator output pin
Ground
TEST/VSS
7
Test mode input
O
CKOUT
8
Buffered clock output
I CMOS Pull-down
RXD1
9
VAN bus input 1
I CMOS Pull-down
RXD2
10
VAN bus input 2
I CMOS Pull-down
RXD0
11
VAN bus input 0
O 3-state
TXD
12
VAN bus output
Ground
GND
13
I trigger CMOS pull-up
RESET
14
Hardware Reset (active low)
I trigger CMOS
SCLK
15
SPI/SCI Clock Input
I trigger CMOS
MOSI
16
SPI/SCI Data Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com