Electronic Components Datasheet Search
  English  ▼

X  

TPS65921 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65921
Description  TPS65921 Power Management and USB Single Chip
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65921 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TPS65921 Datasheet HTML 28Page - Texas Instruments TPS65921 Datasheet HTML 29Page - Texas Instruments TPS65921 Datasheet HTML 30Page - Texas Instruments TPS65921 Datasheet HTML 31Page - Texas Instruments TPS65921 Datasheet HTML 32Page - Texas Instruments TPS65921 Datasheet HTML 33Page - Texas Instruments TPS65921 Datasheet HTML 34Page - Texas Instruments TPS65921 Datasheet HTML 35Page - Texas Instruments TPS65921 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
TPS65921
SWCS048G – MARCH 2010 – REVISED SEPTEMBER 2014
www.ti.com
Table 4-8. Sequence Conversion Timing Characteristics
PARAMETER
COMMENTS
MIN
TYP
MAX
UNIT
F
Running frequency
1
MHz
T = 1/F
Clock period
1
μs
N
Number of analog inputs to convert in a
0
16
single sequence
Tstart
SW1, SW2, or USB asynchronous request
3
4
μs
or real-time STARTADC request
Tsettling time
Settling time to wait before sampling a
stable analog input (capacitor bank charge
time)
Tsettling is calculated from the max((Rs +
5
12
260
μs
Ron)*Cbank) of all possible input sources
(internal or external). Ron is the resistance
of the selection analog input switches (5
k
Ω). This time is software programmable by
OCP register; default value is 12 µs.
Tstartsar
The successive approximation registers
1
μs
ADC start time
Tadc time
The successive approximation registers
10
μs
ADC conversion time
Tcapture time
Tcapture time is the conversion result
2
μs
capture time.
Tstop
1
2
μs
Full Conversion
Only one channel (N = 1) (1)
22
39
μs
Sequence Time
All channels(2)
352
624
Conversion
Without Tstart and Tstop: Only one channel
18
33
Sequence Time
(N = 1) (1)
μs
Without Tstart and Tstop: All channels(1)
288
528
STARTADC pulse
STARTADC period is T
0.33
μs
duration
(1)
General-purpose input ADCIN0 must be tied to ground when TPS65921 internal power supplies (VINTANA1) is off.
(2)
Total Sequence Conversion Time General Formula: Tstart + N × (1 + Tsettling + Tadc + Tcapture) + Tstop.
32
Specifications
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TPS65921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com