Electronic Components Datasheet Search
  English  ▼

X  

TPS65921 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65921
Description  TPS65921 Power Management and USB Single Chip
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65921 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS65921 Datasheet HTML 9Page - Texas Instruments TPS65921 Datasheet HTML 10Page - Texas Instruments TPS65921 Datasheet HTML 11Page - Texas Instruments TPS65921 Datasheet HTML 12Page - Texas Instruments TPS65921 Datasheet HTML 13Page - Texas Instruments TPS65921 Datasheet HTML 14Page - Texas Instruments TPS65921 Datasheet HTML 15Page - Texas Instruments TPS65921 Datasheet HTML 16Page - Texas Instruments TPS65921 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
TPS65921
www.ti.com
SWCS048G – MARCH 2010 – REVISED SEPTEMBER 2014
4.4
Thermal Resistance Characteristics for ZQZ Package
NAME
DESCRIPTION
°C/W(1) (2)
AIR FLOW (m/s)(3)
R
ΘJC
Junction-to-case
20
0.00
R
ΘJB
Junction-to-board
17
0.00
R
ΘJA
Junction-to-free air
46
0.00
PsiJT
Junction-to-package top
0.3
0.00
PsiJB
Junction-to-board
16
0.00
(1)
°C/W = degrees Celsius per watt.
(2)
These values are based on a JEDEC-defined 2S2P system (with the exception of the Theta JC [R
ΘJC] value, which is based on a
JEDEC-defined 1S0P system) and will change based on environment as well as application. For more information, see these
EIA/JEDEC standards:
•
JESD51-2, Integrated Circuits Thermal Test Method Environmental Conditions - Natural Convection (Still Air)
•
JESD51-3, Low Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
•
JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
•
JESD51-9, Test Boards for Area Array Surface Mount Package Thermal Measurements
Power dissipation of 2 W and an ambient temperature of 70ºC is assumed.
(3)
m/s = meters per second.
4.5
Crystal Oscillator
When selecting a crystal, the system designer must consider the temperature and aging characteristics of a
crystal versus the user environment and expected lifetime of the system. The following table lists the switching
characteristics of the oscillator.
Table 4-1. Base Oscillator Switching Characteristics
PARAMETER
MIN
TYP
MAX
UNIT
Crystal: Internal capacitor on each input (Cint)
8
10
12
pF
Crystal: Parallel input capacitance (Cpin)
1.0
pF
Parallel resonance crystal frequency
32.768
kHz
Pin-to-pin capacitance
1.6
1.8
pF
Maximum drive power
1.0
µW
Operating drive level
0.5
µW
Crystal quality factor
13k
54k
Start-up time, all conditions
500
tSX
ms
Start-up time, 25°C
360
Active current
High jitter mode
1.8
IDDA
consumption (configured
µA
0.8
Low jitter mode
through the LOJIT bit)
Low battery mode (1.2 V)
1
IDDQ
Current consumption
µA
Startup
8
Copyright © 2010–2014, Texas Instruments Incorporated
Specifications
13
Submit Documentation Feedback
Product Folder Links: TPS65921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com