Electronic Components Datasheet Search
  English  ▼

X  

AS5715R Datasheet(PDF) 6 Page - ams AG

Part # AS5715R
Description  Communication Mode (I2C)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5715R Datasheet(HTML) 6 Page - ams AG

Back Button AS5715R Datasheet HTML 2Page - ams AG AS5715R Datasheet HTML 3Page - ams AG AS5715R Datasheet HTML 4Page - ams AG AS5715R Datasheet HTML 5Page - ams AG AS5715R Datasheet HTML 6Page - ams AG AS5715R Datasheet HTML 7Page - ams AG AS5715R Datasheet HTML 8Page - ams AG AS5715R Datasheet HTML 9Page - ams AG AS5715R Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Document Feedback
Communication Interface
I²C Communication
Application Note
• PUBLIC
AN000710
• v1-00 • 2020-Jul-21
12
│ 6
2.2.1
Timing
Figure 4:
Timing
Figure 5 :
I²C Timing
Symbol
Parameter
Min
Max
Unit
fSCLK
SCL clock frequency
1.0
MHz
tBUF
Bus free time (time between the STOP and
START conditions)
0.5
µs
tHD;STA
Hold time; (Repeated) START condition(1)
0.26
µs
tLOW
Low phase of SCL clock
0.5
µs
tHIGH
High phase of SCL clock
0.26
µs
tSU;STA
Setup time for repeated START condition
0.26
µs
tHD;DAT
Data hold time(2)
0.45
µs
tSU;DAT
Data setup time(3)
50
ns
tR
Rise time of SDA and SCL signals
120
ns
tF
Fall time of SDA and SCL signals
10
120(4)
ns
tSU;STO
Setup time for STOP condition
0.26
µs
(1)
After this time, the first clock is generated.
(2)
A device must internally provide a minimum hold time of 120 ns (Fast-mode Plus) for the SDA signal (referred to the
VIHmin of SCL).to bridge the undefined region of the falling edge of SCL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com