Electronic Components Datasheet Search
  English  ▼

X  

AS5715R Datasheet(PDF) 7 Page - ams AG

Part # AS5715R
Description  Communication Mode (I2C)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5715R Datasheet(HTML) 7 Page - ams AG

Back Button AS5715R Datasheet HTML 3Page - ams AG AS5715R Datasheet HTML 4Page - ams AG AS5715R Datasheet HTML 5Page - ams AG AS5715R Datasheet HTML 6Page - ams AG AS5715R Datasheet HTML 7Page - ams AG AS5715R Datasheet HTML 8Page - ams AG AS5715R Datasheet HTML 9Page - ams AG AS5715R Datasheet HTML 10Page - ams AG AS5715R Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Document Feedback
Communication Interface
I²C Communication
Application Note
• PUBLIC
AN000710
• v1-00 • 2020-Jul-21
12
│ 7
(3)
A Fast-mode device can be used in a standard-mode system, but the requirement tSU;DAT=250 ns must be met. This is
automatically done if the device does not stretch the low phase of SCL. If such a device does stretch the low phase of
SCL, it must drive the next data bit on SDA (tRmax + tSU;DAT=1000+250=1250 ns) before SCL is released.
(4)
In the Fast-mode plus, fall time is specified the same for both output stage and bus timings. If series resistors are used,
this has to be considered for bus timing.
2.3
I²C Communication
Figure 6 :
I²C Communication
2.3.1
Data Transmission
The state of the data line represents valid data when, after START condition, the data line is stable for
the duration of the HIGH period of the clock signal. The data on the line must be changed during the
LOW period of the clock signal. There is one clock pulse per bit of data.
Each data transfer is initiated with a START condition and terminated with a STOP condition. The
information is transferred byte-wise and each receiver acknowledges with a ninth bit.
2.3.2
Acknowledge
The receiving device is obliged to generate an acknowledge after the reception of each byte. The
master device must generate an extra clock pulse that is associated with this acknowledge bit.
A device that acknowledges must pull down the SDA line during the acknowledge clock pulse in such
a way that the SDA line is stable LOW during the HIGH period of the acknowledge-related clock pulse.
Of course, setup and hold times must be taken into account. A master must signal an end of READ
access to the slave by not generating an acknowledge bit on the last byte that has been clocked out of
the slave. In this case, the slave must leave the data line HIGH to enable the master to generate the
STOP condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com