Electronic Components Datasheet Search
  English  ▼

X  

LTC4070 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC4070
Description  100mA Wireless Li-Ion Charger with Low Battery Disconnect
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4070 Datasheet(HTML) 4 Page - Analog Devices

  LTC4070 Datasheet HTML 1Page - Analog Devices LTC4070 Datasheet HTML 2Page - Analog Devices LTC4070 Datasheet HTML 3Page - Analog Devices LTC4070 Datasheet HTML 4Page - Analog Devices LTC4070 Datasheet HTML 5Page - Analog Devices LTC4070 Datasheet HTML 6Page - Analog Devices LTC4070 Datasheet HTML 7Page - Analog Devices LTC4070 Datasheet HTML 8Page - Analog Devices LTC4070 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LTC4124
4
Rev. A
For more information www.analog.com
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into pins are positive; all voltages are referenced to
GND unless otherwise noted.
Note 3: The LTC4124 is tested under conditions such that TJ ≈ TA. The
LTC4124E is guaranteed to meet specifications from 0°C to 85°C junction
temperature. Specifications over the –20°C to 85°C operating junction
temperature are assured by design, characterization and correlation with
statistical process controls. Note that the maximum ambient temperature
consistent with these specifications is determined by specific operating
conditions in conjunction with board layout, the rated package thermal
impedance and other environmental factors. The junction temperature
(TJ, in °C) is calculated from the ambient temperature (TA, in °C) and
power dissipation (PD, in Watts) according to the following formula:
TJ = TA + (PD • θJA), where θJA (in °C/W) is the package thermal
impedance.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IC/10
C/10 Current Threshold in Constant Voltage
Mode
IBAT Falling, % of ICHG
10
%
Hysteresis
1
%
tT
Charge Termination Time
l
2.2
3.0
4.0
hours
tBB
Bad Battery Detection Time
l
30
45
60
mins
VNTC(COLD)
NTC Cold Threshold
VNTC Rising, % of VCC
l
73
75
77
%
VNTC(HOT)
NTC Hot Threshold
VNTC Falling, % of VCC
l
33
35
37
%
VNTC(HYS)
NTC Thresholds Hysteresis
% of VCC
5
%
RNTC(OPEN)
NTC Open Circuit Input Resistance to VCC
INTC = –25µA
l
98.5
100
101.5
kΩ
VNTC(DIS)
NTC Disable Threshold
VNTC Rising, % of VCC
l
90
94
98
%
Hysteresis
% of VCC
5
%
Battery Discharging
Battery Discharge PowerPath Forward
Regulation Voltage
VBAT,VCC, IVCC = –1mA, VBAT ≥ VBAT_LBDIS
0
55
130
mV
Battery PowerPath Forward Turn-On
Threshold Voltage
VBAT,VCC
100
mV
Battery PowerPath Reverse Turn-Off
Threshold Voltage
VBAT,VCC, Not Charging
–100
mV
RDISCHG
Discharge Switch On Resistance
VBAT = 3.6V
0.5
Ω
Maximum Battery Discharge Current
Threshold for Safety Disconnect
VBAT = 3.6V
1.0
A
Low Battery Disconnect
VBAT_LBDIS
Low Battery Disconnect Voltage
LBSEL = VCC, VBAT Falling
l
3.136
3.200
3.264
V
LBSEL = GND, VBAT Falling
l
2.646
2.700
2.754
V
IBAT(LEAK)
Battery Leakage Current When Disconnected VBAT < VBAT_LBDIS
l
0 
50
nA
CHRG Status Pin
ICHRG(LKG)
CHRG Open Drain Leakage Current
VCHRG = 5V
1
µA
ICHRG
CHRG Pull Down Current
VCHRG = 400mV
200
300
400
µA
fBLINK(SLW)
Blink Slow Frequency
0.6
0.8
1.1
Hz
fBLINK(FAST)
Blink Fast Frequency
4.5
6
8
Hz
Digital Input Pins (VSEL1, VSEL2, ISEL1, ISEL2, LBSEL, PRECHG)
VIL
Input Voltage Low
l
0.4
V
VIH
Input Voltage High
l
VCC – 0.4V
V
Input Leakage Current
0V ≤ VPIN ≤ VCC
l
–1
1
µA
The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C. VCC = 5V unless otherwise noted (Notes 2, 3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com