Electronic Components Datasheet Search
  English  ▼

X  

LTC4070 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC4070
Description  100mA Wireless Li-Ion Charger with Low Battery Disconnect
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4070 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC4070 Datasheet HTML 20Page - Analog Devices LTC4070 Datasheet HTML 21Page - Analog Devices LTC4070 Datasheet HTML 22Page - Analog Devices LTC4070 Datasheet HTML 23Page - Analog Devices LTC4070 Datasheet HTML 24Page - Analog Devices LTC4070 Datasheet HTML 25Page - Analog Devices LTC4070 Datasheet HTML 26Page - Analog Devices LTC4070 Datasheet HTML 27Page - Analog Devices LTC4070 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
LTC4124
24
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
7. Determine the value of CTS for step duration during
the LTC4125 load detection.
Set the step duration to 50ms, approximately about
5 times the observed VIMON settling time.
CTS = 5 •
10µA • TS
32 • 1.2V
= 1.3 × 10
–6 • T
S s
( )
≈ 15nF (standard capacitor value)
8. Determine the value of RFB1 and RFB2 for no receiver
detection.
With the minimum pulse width as determined in
Step 3 and no receiver, measure IIN and VLC-TX ampli-
tude. In this particular example, with no RX present, at
VPTH = 0.43V: IIN = 580mA and |VLC-TX| = 40V.
The same measurement is done with a receiver at
the worst coupling condition (largest gap between
the TX and RX coils) with the battery pin set at 4.3V
(zero charge current → lowest output power). In this
particular example, using setup 4 at VPTH = 0.43V,
IIN = 450mA and |VLC-TX| = 25V .
At the VPTH determined in step 3, the voltage at the
transmitter resonant tank with no receiver is 40V
(VLC-TX-MAX), and with a receiver at minimum load, it
is 25V (VLC-TX-MIN). Using the formula provided in the
LTC4125 data sheet, RFB1 and RFB2 can be calculated
as follows:
VLC−TX−MIN – VD
VIN
– 1<
RFB1
RFB2
<
VLC−TX−MAX – VD
VIN
– 1t
25V – 1V
5V
– 1<
RFB1
RFB2
<
40V – 1V
5V
– 1
3.8 <
RFB1
RFB2
< 6.8
Therefore, set the ratio to be 6. Since the recom-
mended total RFB1 + RFB2 resistance is about 100kΩ,
set RFB1 = 100kΩ and RFB2 = 16.5kΩ.
9. Determine the value of RFTH1 and RFTH2 for foreign
object detection.
As outlined in steps 1 and 2, the resonant frequency
selected is 240kHz. However, the operating frequency
of the two coupled resonant LC at the TX and RX under
heavy load at the best coupling condition is as high
as 300kHz. Therefore, set the foreign object detection
frequency threshold at 310kHz, about 3% above the
highest operating frequency. Set RFTH2 = 100kΩ and
RFTH1 according to the following formula:
RFTH1 =
320kHz
fLIM
– 1
⎛
⎝⎜
⎞
⎠⎟
•RFTH2
=
320kHz
310kHz
– 1
⎛
⎝⎜
⎞
⎠⎟
• 100k
Ω = 3.23kΩ
≈ 3.24kΩ (standard 1% resistor value)
10. Determine the value of CTD for the delay between each
load detection attempt.
Set the wait time to 5 seconds. Then, the CTD value is
calculated using the following formula:
CTD =
10µA • TD
65 × 103 • 1.2V
= 1.3 × 10
–10 • 5 ≈ 680pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com