Electronic Components Datasheet Search
  English  ▼

X  

LTC4070 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC4070
Description  100mA Wireless Li-Ion Charger with Low Battery Disconnect
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4070 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC4070 Datasheet HTML 17Page - Analog Devices LTC4070 Datasheet HTML 18Page - Analog Devices LTC4070 Datasheet HTML 19Page - Analog Devices LTC4070 Datasheet HTML 20Page - Analog Devices LTC4070 Datasheet HTML 21Page - Analog Devices LTC4070 Datasheet HTML 22Page - Analog Devices LTC4070 Datasheet HTML 23Page - Analog Devices LTC4070 Datasheet HTML 24Page - Analog Devices LTC4070 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LTC4124
21
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
DESIGN EXAMPLE 2: LTC4124 100mA CHARGER
RECEIVER WITH LTC4125 AutoResonant®
TRANSMITTER
Figure 18 shows a complete schematic of a wireless bat-
tery charger application showcasing the LTC4124 charg-
ing at 100mA. The transmitter circuit uses the LTC4125
AutoResonant Wireless Power Transmitter IC.
The LTC4125 drives a series LC network connected to its
switch pins at its resonant frequency. The LTC4125 auto
resonant drive ensures that the voltage across its SW1
and SW2 pins is always in phase with the current in the
transmitter series LC network as shown in Figure 19.
The LTC4125 also pulse width modulates the voltage
across its SW1 and SW2 pins in order to control the
amount of transmit coil current. Figure 20 shows the
transmitter LC tank current and voltage waveforms when
the drive pulse width results in a duty cycle less than 50%.
Figure 18.
CTX
33nF
x2
RNTCRX
FTH
PTHM
IS–
IS+
PTH1
PTH2
EN
NTC
SW1
SW2
FB
LTC4124
4124 F18
RPTHM2
21k
RFTH2
100k
RFTH1
3.24k
2.2k
680pF
DIMON
CIMON
10nF
1µF
47µF
x 2
RIN
374
RIS
180m
IIN
15nF
1nF
CFB1
0.1µF
DC1
DT2
DT1
RFB1
100k
RIMON
100k
RFB2
16.5k
LTX
6.5µH
VIN
VIN
RPTHM1
100k
4.5V
TO
5V
100k
RNTCTX
VCC
VSEL1
VSEL2
ISEL1
ISEL2
PRECHG
LBSEL
CHRG
ACIN
DCIN
GND
BAT NTC
DRX
CRX
33nF
LRX
13µH
+
AIR GAP
3mm ±1mm
LTC4125
IMON
CTD
CTS
GND
STAT
IN
DTH
IN1 IN2
LTX: 760308101104
CTX: 2x C2012C0G2A333J125AC
CFB1: GRM188R72A104KA35D
DC1: CDBQR70
DIMON: ADR510ARTZ
DT1: SML-LX0603S1W-TR
DT2: BAS521-7
RNTCTX: NTC G064EF104F
LRX: 760308101220
CRX: GRM155R71H333KE14D
DRX: APG0603VGC
RNTCRX: NTC G064EF104F
LTC4124 100mA Charger Receiver with LTC4125 AutoResonant Transmitter
Figure 19.
4124 F19
VL
IL
VSW1,SW2
Transmitter Series LC Tank Voltage and
Current Waveforms with VSW1,SW2 at 50% Duty Cycle
Figure 20.
4124 F20
VL
IL
VSW1,SW2
Transmitter Series LC Tank Voltage and Current
Waveforms with VSW1,SW2 at Less Than 50% Duty Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com