Electronic Components Datasheet Search
  English  ▼

X  

LTC4367 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC4367
Description  100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4367 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC4367 Datasheet HTML 4Page - Analog Devices LTC4367 Datasheet HTML 5Page - Analog Devices LTC4367 Datasheet HTML 6Page - Analog Devices LTC4367 Datasheet HTML 7Page - Analog Devices LTC4367 Datasheet HTML 8Page - Analog Devices LTC4367 Datasheet HTML 9Page - Analog Devices LTC4367 Datasheet HTML 10Page - Analog Devices LTC4367 Datasheet HTML 11Page - Analog Devices LTC4367 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LTC4368
8
Rev. B
For more information www.analog.com
BLOCK DIAGRAM
4368 BD
VIN
2.2V
UVLO
0.5V
0.5V
25mV
HYSTERESIS
UV
OV
–
+
SHDN
VIN
–40V TO 100V
5V
LDO
IGATE
35µA
REVERSE
PROTECTION
CLOSES SWITCH
WHEN VIN IS NEGATIVE
ENABLE
VOUT
GATE
CHARGE
PUMP
f = 400kHz
GATE
SLOW
OFF
FAST
OFF
FWD_RESET
REV_RESET
OC_REV
OC_FWD
START TIMER
GATE PULLDOWN
FORWARD OVERCURRENT
TIMER
OVERCURRENT
COMPARATORS
90µA
60mA
+
–
DELAY TIMERS
LOGIC
FAULT
RETRY
+
–
50mV (4368-1)
3mV (4368-2)
+
–
100mV
50mV
GND
17µA
3.5µA
31 CYCLES
SENSE
VOUT
VOUT
VIN
LOGIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com