Electronic Components Datasheet Search
  English  ▼

X  

LTC4367 Datasheet(PDF) 16 Page - Analog Devices

Part # LTC4367
Description  100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4367 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC4367 Datasheet HTML 12Page - Analog Devices LTC4367 Datasheet HTML 13Page - Analog Devices LTC4367 Datasheet HTML 14Page - Analog Devices LTC4367 Datasheet HTML 15Page - Analog Devices LTC4367 Datasheet HTML 16Page - Analog Devices LTC4367 Datasheet HTML 17Page - Analog Devices LTC4367 Datasheet HTML 18Page - Analog Devices LTC4367 Datasheet HTML 19Page - Analog Devices LTC4367 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
LTC4368
16
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
Slow Shutdown
The SHDN input turns off the external MOSFETs in a
slow, controlled manner. When SHDN is asserted low, a
90µA current sink slowly begins to turn off the external
MOSFETs.
Once the voltage at the GATE pin falls below the voltage
at the VOUT pin, the current sink is throttled back and a
feedback loop takes over. This loop forces the GATE volt-
age to track VOUT, thus keeping the external MOSFETs off
as VOUT decays. Note that when VOUT < 2.5V, the GATE
pin is pulled all the way to ground.
Slow gate turn off reduces load current slew rates and
mitigates voltage spikes due to parasitic inductances. To
further decrease GATE pin slew rate, place a capacitor
(CHOTSWAP, see Figure 11) across the gate and source
terminals of the external MOSFETs. The waveforms of
Figure 15 were captured using the Si7942 Dual N-channel
MOSFETs, and a 2A load with 100µF output capacitor.
VIN
GREEN (TOP): MOSFET GATE
BLUE (BOTTOM): MOSFET SOURCE
100ns/DIV
10V/DIV
4368 F13
Figure 13. Hot Swapping VIN to +48V
SHDN
GATE
VOUT
100µF, 6Ω LOAD ON VOUT
DUAL Si7942 MOSFET
VIN = 12V
400µs/DIV
5V/DIV
4368 F15
GND
Figure 15. Slow Shutdown: GATE Tracks VOUT as VOUT Decays
4368 F14
GATE
MOSFET OFF
MOSFET ON
VIN
VIN(UVLO)
VUV
tD(ON)
Figure 14. Recovery Timing During Power-On
OV = GND, UV = SHDN = VIN
during the fast transients. To further improve positive
hot swap, place the optional CHOTSWAP = 6.8nF capacitor
across the gate/source of the external MOSFETs. For even
more hot swap protection, add a diode (MBR0540) across
RGATE (connect cathode to CGATE). Make sure this diode
has a reverse breakdown of at least 40V.
Recovery Delay Timer
The LTC4368 has a recovery delay timer that filters noise
at VIN and helps prevent chatter at VOUT. After either an OV
or UV fault has occurred, the input supply must return to
the desired operating voltage window for typically 32ms
(tD(ON)) in order to turn the external MOSFET back on, as
illustrated in Figure 5 and Figure 6. Going out of and then
back into fault in fewer than 32ms will keep the MOSFET
off continuously. Similarly, coming out of shutdown (SHDN
low to high) triggers an 800µs startup delay timer (tSTART,
see Figure 16).
The recovery delay timer is also active while the LTC4368
is powering up. The 32ms timer starts once VIN rises
above VIN(UVLO) and VIN lies within the user selectable
UV/OV power good window. See Figure 14.
GATE
VOUT
tD(SLOW)
GATE = VOUT
tSTART
tSHDN(F)
ΔVGATE
SHDN
4368 F16
FAULT
Figure 16. Slow Shutdown Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com