Electronic Components Datasheet Search
  English  ▼

X  

LTC4367 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC4367
Description  100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4367 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC4367 Datasheet HTML 6Page - Analog Devices LTC4367 Datasheet HTML 7Page - Analog Devices LTC4367 Datasheet HTML 8Page - Analog Devices LTC4367 Datasheet HTML 9Page - Analog Devices LTC4367 Datasheet HTML 10Page - Analog Devices LTC4367 Datasheet HTML 11Page - Analog Devices LTC4367 Datasheet HTML 12Page - Analog Devices LTC4367 Datasheet HTML 13Page - Analog Devices LTC4367 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LTC4368
10
Rev. B
For more information www.analog.com
VOUT (V)
0
0
2
4
6
10
8
14
12
15
4365 F03
10
VIN = 12V, 60V
VIN = 5V
VIN = 2.5V
VIN = 3.3V
5
TA = 25°C
IGATE = –1µA
APPLICATIONS INFORMATION
The LTC4368 is an N-channel MOSFET controller that pro-
tects a load from overvoltage faults (both positive and
negative) and from overcurrent faults (both forward and
reverse). A typical application circuit using the LTC4368-2
is shown in Figure 2. The circuit provides a low loss con-
nection from VIN to VOUT as long as there are no voltage
or current faults.
Voltages at VIN outside of the 7V to 36V range are
prevented from getting to the load and can be as high as
100V and as negative as –40V. Load currents (including
inrush currents) above 12.5A (forward from VIN to VOUT)
and below –0.75A (reverse from VOUT to VIN) will cause the
load to be disconnected from VIN. The circuit of Figure 2
protects against negative voltages at VIN as shown. Note
that the SOA and voltage requirements are not the same
for the two external MOSFETs. During power-up, the input
MOSFET (M1) will stand off more voltage (up to VIN) than
the output MOSFET (M2). The body diode of M2 will limit
its drain to source voltage. This allows the use of smaller
MOSFETs at the output.
During normal operation, the LTC4368 provides up to
13.1V of gate enhancement to the external back-to-back
N-channel MOSFETs. This turns on the MOSFETs, thus
connecting the load at VOUT to the supply at VIN.
GATE Drive
The LTC4368 turns on the external N-channel MOSFETs
by driving the GATE pin above VOUT. The voltage differ-
ence between the GATE and VOUT pins (gate drive) is a
function of VIN and VOUT.
Figure 3 highlights the dependence of the gate drive on
VIN and VOUT. When system power is first turned on
(SHDN low to high, SENSE = VOUT = 0V), gate drive is
at a maximum for all values of VIN. This helps prevent
startup problems into heavy loads by ensuring that there
is enough gate drive to support the load.
VIN
24V
M1
PSMN4R8-100BSE
R4
464k
R3
1500k
R2
121k
R1
29.4k
RETRY
4368 F02
VOUT
FAULT
LTC4368-2
SENSE
0.22µF
VIN
UV
OV
SHDN
GATE
GND
+50mV
–3mV
VOUT
7V TO 36V
–0.75A TO 12.5A
0.004
2.2nF
INRUSH
CONTROL
22k
1200ms COOLDOWN
AFTER FORWARD
OC FAULT
OV = 36V
UV = 7V
M2
SiR662
Figure 2. LTC4368-2 Protects Load from Voltage (–40V to 100V) and Current (–0.75A to 12.5A) Faults
Figure 3. Gate Drive (GATE – VOUT) vs VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com