Electronic Components Datasheet Search
  English  ▼

X  

LTC4366 Datasheet(PDF) 5 Page - Analog Devices

Part # LTC4366
Description  100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4366 Datasheet(HTML) 5 Page - Analog Devices

  LTC4366 Datasheet HTML 1Page - Analog Devices LTC4366 Datasheet HTML 2Page - Analog Devices LTC4366 Datasheet HTML 3Page - Analog Devices LTC4366 Datasheet HTML 4Page - Analog Devices LTC4366 Datasheet HTML 5Page - Analog Devices LTC4366 Datasheet HTML 6Page - Analog Devices LTC4366 Datasheet HTML 7Page - Analog Devices LTC4366 Datasheet HTML 8Page - Analog Devices LTC4366 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LTC4368
5
Rev. B
For more information www.analog.com
VOUT Operating Current vs
Temperature
VOUT Shutdown Current vs
Temperature
VOUT Current vs Reverse VIN
GATE Drive vs GATE Current
GATE Drive vs VIN Supply Voltage
VOUT = 12V
VOUT = 2.5V
VOUT = 60V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
0
15
30
45
60
75
4368 G04
SHDN = 2.5V
VIN = VOUT
VOUT = 12V
VOUT = 2.5V
VOUT = 60V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
0
1
2
3
4
5
6
4368 G05
SHDN = 0V
VIN = VOUT
25°C
125°C
–45°C
VOUT = 0V
VIN (V)
0
–10
–20
–30
–40
0
5
10
15
20
4368 G06
VOUT = VIN
VOUT = 0V
VIN (V)
0
4
8
12
16
20
0
2
4
6
8
10
12
14
4368 G07
TA = 25°C
IGATE = –1µA
VIN = VOUT = 12V
IGATE(UP) (µA)
0
–10
–20
–30
–40
–50
–60
0
2
4
6
8
10
12
4368 G08
TA = 125°C
TA = 25°C
TA = –45°C
TYPICAL PERFORMANCE CHARACTERISTICS
VIN Operating Current vs
Temperature
VIN Shutdown Current vs Voltage
VIN Supply Current vs Voltage
(–40V to 100V)
VIN = 12V
VIN = 2.5V
VIN = 60V
SHDN = 2.5V
VIN = VOUT
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
0
10
20
30
40
50
4368 G01
VIN (V)
0
10
20
30
40
50
60
0
2
4
6
8
4368 G02
TA = 125°C
TA = 70°C
TA = 25°C
TA = –45°C
SHDN = 0V
VIN = VOUT
UV = SHDN = 0V
VOUT = 0V
VIN (V)
–50
–25
0
25
50
75
100
–2000
–1500
–1000
–500
0
500
4368 G03
TA = 125°C
TA = 25°C
TA = –45°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com