Electronic Components Datasheet Search
  English  ▼

X  

LTC4366 Datasheet(PDF) 17 Page - Analog Devices

Part # LTC4366
Description  100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4366 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTC4366 Datasheet HTML 13Page - Analog Devices LTC4366 Datasheet HTML 14Page - Analog Devices LTC4366 Datasheet HTML 15Page - Analog Devices LTC4366 Datasheet HTML 16Page - Analog Devices LTC4366 Datasheet HTML 17Page - Analog Devices LTC4366 Datasheet HTML 18Page - Analog Devices LTC4366 Datasheet HTML 19Page - Analog Devices LTC4366 Datasheet HTML 20Page - Analog Devices LTC4366 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
LTC4368
17
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
FAULT Status
The FAULT high voltage open drain output is driven low
if SHDN is asserted low, if VIN is outside the desired UV/
OV voltage window, if there is an overcurrent fault, or if
VIN has not risen above VIN(UVLO). Figures 5, 6, 8, 9, 10
and 16 show the FAULT output timing.
Ideal Diode Alternative
Figure 17 shows two LTC4368-2 connected in parallel.
With both devices turned on, the output will be the higher
of V1 or V2. Unlike ideal diode controllers, the LTC4368
always fully enhances the MOSFETs, even at light loads.
Note, however, that if the voltage difference between V1
and V2 is less than 3mV, the reverse overcurrent com-
parators will not detect a fault and up to 150mA can flow
from the higher to the lower supply. Similarly, disconnect-
ing the higher supply may not generate sufficient reverse
current to turn off the MOSFETs. A subsequent reconnec-
tion may result in an inrush current that temporarily trips
the circuit breakers.
By driving the SHDN pins separately, this potential back-
flow can be avoided. VOUT can then be selected from either
V1 or V2, irrespective of which supply voltage is higher or
lower. While in shutdown, the LTC4368-2 drives the GATE
pin just below the lower of VIN and VOUT, thus allowing
VOUT to be larger than VIN while in the off condition.
Single MOSFET Higher Power Application
When reverse VIN protection is not needed, only a single
external N-channel MOSFET is necessary. This provides
the user with a larger selection of MOSFETs (not just dual
packages), especially for higher power applications. Note
that care must be taken to stay within the SOA of the
external MOSFET. The RETRY pin of the LTC4368 can be
used to help keep the MOSFET within its SOA. The user
can ground the RETRY pin to latch off the MOSFET after a
forward current fault. For automatic retry after a forward
current fault, CRETRY must be large enough to maintain a
low on duty cycle for the MOSFET. See Figure 18.
V1
VOUT
MOSFETs TURN OFF WHEN REVERSE CURRENT EXCEEDS –150mA
V2
MOSFETs TURN OFF WHEN REVERSE CURRENT EXCEEDS –150mA
VOUT
LTC4368-2
SENSE
GATE
VIN
SHDN
–3mV
RSENSE
0.02
SEL V1
VOUT
LTC4368-2
SENSE
GATE
VIN
SHDN
–3mV
RSENSE
0.02
SEL V2
4368 F17
Figure 17. Alternative to Ideal Diode
OV = 18V
UV = 3.5V
VIN
12V
IOUT
–1A TO 16.67A
PSMN4R8-100BSE
453k
100µF
1330k
243k
59k
+
RETRY
4368 F18
VOUT
FAULT
LTC4368-2
SENSE
0.22µF
VIN
UV
OV
SHDN
GATE
GND
+50mV
–3mV
VOUT
3.5V TO 18V
0.003
2.2nF
INRUSH
CONTROL
22k
1200ms COOLDOWN
AFTER FORWARD
OC FAULT
Figure 18. Single MOSFET High Power Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com