Electronic Components Datasheet Search
  English  ▼

X  

LTC4366 Datasheet(PDF) 14 Page - Analog Devices

Part # LTC4366
Description  100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4366 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTC4366 Datasheet HTML 10Page - Analog Devices LTC4366 Datasheet HTML 11Page - Analog Devices LTC4366 Datasheet HTML 12Page - Analog Devices LTC4366 Datasheet HTML 13Page - Analog Devices LTC4366 Datasheet HTML 14Page - Analog Devices LTC4366 Datasheet HTML 15Page - Analog Devices LTC4366 Datasheet HTML 16Page - Analog Devices LTC4366 Datasheet HTML 17Page - Analog Devices LTC4366 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
LTC4368
14
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
2. Latch off the MOSFETs by grounding the RETRY pin
(no external RETRY capacitor needed). This latches
the forward overcurrent fault. The external MOSFETs
are kept in the off condition until the SHDN input pin is
toggled low then high (tCLEAR pulse width < tLOWPWR).
See Figure 9 timing diagram.
Reverse Overcurrent Protection
Reverse overcurrent protection prevents large currents
from flowing from VOUT to VIN. There are two options for
reverse overcurrent protection thresholds. The LTC4368-1
(–50mV) bidirectional circuit breaker allows load current
to flow in either direction: from VIN to VOUT or from VOUT
to VIN. The LTC4368-2 provides diode-like behavior by
making the reverse overcurrent threshold (–3mV) sig-
nificantly smaller than the forward overcurrent thresh-
old (+50mV). The reverse overcurrent fault threshold is
determined by the external sense resistor (RSENSE) and
an internal comparator (Figure 7, U2). For the LTC4368-2
application of Figure 7:
IOC,REV =
–3mV
RSENSE
=
–3mV
20mΩ
= –0.15A
If –0.15A flows from the output across the 20mΩ sense
resistor, the external MOSFETs (M1,M2) are immediately
(8µs) turned off.
To turn the MOSFETs back on, an internal comparator
(Figure 7, U3) detects when VOUT drops 100mV below
VIN:
VOUT < VIN – 100mV
Once this condition is met, the gates of the external
MOSFETs are turned on again to reconnect the input sup-
ply to the load. See timing diagrams of Figure 10. Note
that if the LTC4368-1 option is used, the reverse current
threshold becomes:
IOC,REV =
–50mV
RSENSE
SENSE–VOUT
RETRY
tp(GATE)
FAULT
tRETRY
31 CYCLES
(1200ms COOL-DOWN PERIOD)
GATE
50mV
EXTERNAL N-CHANNEL
MOSFETs TURN OFF
EXTERNAL N-CHANNEL
MOSFETs TURN BACK ON
0mV
IINRUSH
LIMITED
STEADY STATE LOAD
STEADY STATE LOAD
4368 F08
Figure 8. Forward Overcurrent Fault with 0.22µF RETRY Capacitor
4368 F08
SENSE–VOUT
SHDN
FAULT
tCLEAR < t < tLOWPWR
t
GATE
50mV
EXTERNAL N-CHANNEL
MOSFETs TURN OFF
EXTERNAL N-CHANNEL
MOSFETs TURN BACK ON
0mV
IINRUSH
LIMITED
STEADY STATE LOAD
STEADY STATE LOAD
tp(GATE)
Figure 9. Forward Overcurrent Fault with RETRY Pin Grounded
4368 F10
SENSE–VOUT
VOUT
tp(GATE)
FAULT
GATE –VOUT
–3mV
EXTERNAL N-CHANNEL
MOSFETs TURN BACK ON
0mV
IINRUSH
LIMITED
STEADY STATE LOAD
FAULT
VIN – 100mV
11V
0V
Figure 10. Reverse Overcurrent Fault: SENSE – VOUT < –3mV
(LTC4368-2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com