Electronic Components Datasheet Search
  English  ▼

X  

LTC2913 Datasheet(PDF) 15 Page - Analog Devices

Part # LTC2913
Description  100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2913 Datasheet(HTML) 15 Page - Analog Devices

Back Button LTC2913 Datasheet HTML 11Page - Analog Devices LTC2913 Datasheet HTML 12Page - Analog Devices LTC2913 Datasheet HTML 13Page - Analog Devices LTC2913 Datasheet HTML 14Page - Analog Devices LTC2913 Datasheet HTML 15Page - Analog Devices LTC2913 Datasheet HTML 16Page - Analog Devices LTC2913 Datasheet HTML 17Page - Analog Devices LTC2913 Datasheet HTML 18Page - Analog Devices LTC2913 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
LTC4368
15
Rev. B
For more information www.analog.com
Figure 11. Reverse VIN Protection Circuits
VIN
–40V
TO
LOAD
Si7942 100V DUAL
COUT
100µF
+
VOUT
LTC4368
SENSE
GATE
CGATE
3.3nF
INRUSH
CONTROL
RGATE
22k
VIN
M2
CHOTSWAP
(OPTIONAL
4.4nF)
GND
M1
D1
D2
REVERSE VIN
COMPARATOR
CLOSES SWITCH
WHEN VIN IS NEGATIVE
4368 F11
Reverse VIN Protection
The LTC4368’s rugged and hot swappable VIN helps pro-
tect the more sensitive circuits at the output load. If the
input supply is plugged in backwards, or a negative sup-
ply is inadvertently connected, the LTC4368 prevents this
negative voltage from passing to the output load.
As shown in Figure 11, external back-to-back N-channel
MOSFETs are required for reverse supply protection. When
VIN goes negative, the reverse VIN comparator closes the
internal switch, which in turn connects the gates of the
external MOSFETs to the negative VIN voltage. The body
diode (D1) of M1 turns on, but the body diode (D2) of M2
remains in reverse blocking mode. This means that the
common source connection of M1 and M2 remains about
a diode drop higher than VIN. Since the gate voltage of
M2 is shorted to VIN, M2 will be turned off and no current
can flow from VOUT to VIN. Note that the voltage rating of
M2 must withstand the reverse voltage excursion at VIN.
parasitic inductance of the VIN and GATE connections, the
voltage at the VIN and GATE pins ring significantly below
–20V. Therefore, hot swapping a negative input voltage
more negative than –20V should not be performed with-
out additional overshoot mitigation techniques in place.
The front page application was used to generate the wave-
forms of Figure 12.
APPLICATIONS INFORMATION
The speed of the LTC4368 reverse protection circuits is
evident by how closely the GATE pin follows VIN during
the negative transients. The two waveforms are almost
indistinguishable on the scale shown.
The trace at VOUT, on the other hand, does not respond
to the negative voltage at VIN, demonstrating the desired
reverse supply protection. The waveforms of Figure 12
were captured using a 40V dual N-channel MOSFET, a
10µF ceramic output capacitor and no load current on
VOUT.
Hot Swap VIN Protection
The VIN input of the LTC4368 can be live inserted or hot
swapped into a backplane with minor disturbance to the
VIN supply. The idea is to keep the parasitic capacitances
of the external MOSFETs (CGD) from coupling onto the
GATE pin and enhancing the MOSFETs. To improve
positive VIN hot swap capability (without jeopardizing
reverse polarity protection), place CHOTSWAP across the
gate and source terminals of the back-to-back MOSFETs.
Figure  13 illustrates the waveforms that result when
the VIN of the front page application is hot plugged to
+48V. The top trace is VIN. The bottom two traces are the
MOSFETs gate and source terminals. Note that the bottom
two traces ring together and thus keep the MOSFETs off
To avoid large currents when the reverse voltage is hot
plugged, set RGATE to 22k. To further improve reverse
hot swap performance, place the optional CHOTSWAP ≥
4.4nF capacitor across the gate and source terminals of
the external MOSFETs.
Figure 12 illustrates the waveforms that result when VIN
is hot plugged to –20V. VIN, GATE and VOUT start out at
ground just before the connection is made. Due to the
Figure 12. Hot Swapping VIN to –20V
VOUT
GATE
VIN
–20V
200ns/DIV
LTC4368 F12
5V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com