Electronic Components Datasheet Search
  English  ▼

X  

DAC61402 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # DAC61402
Description  DAC61402 Dual, 12-Bit, High-Voltage-Output DAC With Internal Reference
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC61402 Datasheet(HTML) 32 Page - Texas Instruments

Back Button DAC61402 Datasheet HTML 28Page - Texas Instruments DAC61402 Datasheet HTML 29Page - Texas Instruments DAC61402 Datasheet HTML 30Page - Texas Instruments DAC61402 Datasheet HTML 31Page - Texas Instruments DAC61402 Datasheet HTML 32Page - Texas Instruments DAC61402 Datasheet HTML 33Page - Texas Instruments DAC61402 Datasheet HTML 34Page - Texas Instruments DAC61402 Datasheet HTML 35Page - Texas Instruments DAC61402 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
7.5.3 Frame Error Checking
If the device is used in a noisy environment, error checking can be used to check the integrity of SPI data
communication between the device and the host processor. This feature is enabled by setting the CRC-EN bit.
The error checking scheme is based on the CRC-8-ATM (HEC) polynomial: x8 + x2 + x + 1 (that is, 100000111).
When error checking is enabled, the serial interface access cycle width is 32 bits. The normal 24-bit SPI data are
appended with an 8-bit CRC polynomial by the host processor before feeding the data to the device. In all serial
interface readback operations, the CRC polynomial is output on the SDO pin as part of the 32-bit cycle.
Table 7-4. Error Checking Serial Interface Access Cycle
BIT
FIELD
DESCRIPTION
31
RW
Identifies the communication as a read or write command to the address
register.
R/W = 0 sets a write operation.
R/W = 1 sets a read operation.
30
CRC-ERROR
Reserved bit. Set to zero.
29-24
A[5:0]
Register address. Specifies the register to be accessed during the read or
write operation.
23-8
DI[15:0]
Data cycle bits.
If a write command, the data cycle bits are the values to be written to the
register with address A[5:0].
If a read command, the data cycle bits are don't care values.
7-0
CRC
8-bit CRC polynomial.
The device decodes the 32-bit access cycle to compute the CRC remainder on SYNC rising edges. If no error
exists, the CRC remainder is zero and data are accepted by the device.
A write operation failing the CRC check causes the data to be ignored by the device. After the write command, a
second access cycle can be issued to determine the error checking results (CRC-ERROR bit) on the SDO pin.
If there is a CRC error, the CRC-ALM bit of the status register is set to 1. The FAULT pin can be configured to
monitor a CRC error by setting the CRCALM-EN bit.
Table 7-5. Write Operation Error Checking Cycle
BIT
FIELD
DESCRIPTION
31
RW
Echo RW from previous access cycle (RW = 0).
30
CRC-ERROR
Returns a 1 when a CRC error is detected; otherwise, returns a 0.
29-24
A[5:0]
Echo address from previous access cycle.
23-8
DO[15:0]
Echo data from previous access cycle.
7-0
CRC
Calculated CRC value of bits 31:8.
A read operation must be followed by a second access cycle to get the requested data on the SDO pin. The
error check result (CRC-ERROR bit) from the read command is output on the SDO pin.
As in the case of a write operation failing the CRC check, the CRC-ALM bit of the status register is set to 1, and
the ALMOUT pin, if configured for CRC alerts, is set low.
Table 7-6. Read Operation Error Checking Cycle
BIT
FIELD
DESCRIPTION
31
RW
Echo RW from previous access cycle (RW = 1).
30
CRC-ERROR
Returns a 1 when a CRC error is detected; otherwise, returns a 0.
29-24
A[5:0]
Echo address from previous access cycle.
23-8
DO[15:0]
Readback data requested on previous access cycle.
7-0
CRC
Calculated CRC value of bits 31:8.
DAC61402
SLASEH3 – NOVEMBER 2020
www.ti.com
32
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DAC61402



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com