Electronic Components Datasheet Search
  English  ▼

X  

DAC61402 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DAC61402
Description  DAC61402 Dual, 12-Bit, High-Voltage-Output DAC With Internal Reference
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC61402 Datasheet(HTML) 2 Page - Texas Instruments

  DAC61402 Datasheet HTML 1Page - Texas Instruments DAC61402 Datasheet HTML 2Page - Texas Instruments DAC61402 Datasheet HTML 3Page - Texas Instruments DAC61402 Datasheet HTML 4Page - Texas Instruments DAC61402 Datasheet HTML 5Page - Texas Instruments DAC61402 Datasheet HTML 6Page - Texas Instruments DAC61402 Datasheet HTML 7Page - Texas Instruments DAC61402 Datasheet HTML 8Page - Texas Instruments DAC61402 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 5
6.1 Absolute Maximum Ratings ....................................... 5
6.2 ESD Ratings .............................................................. 5
6.3 Recommended Operating Conditions ........................6
6.4 Thermal Information ...................................................6
6.5 Electrical Characteristics ............................................7
6.6 Timing Requirements: Write, IOVDD: 1.7 V to 2.7
V ................................................................................. 13
6.7 Timing Requirements: Write, IOVDD: 2.7 V to 5.5
V ................................................................................. 13
6.8 Timing Requirements: Read and Daisy Chain,
FSDO = 0, IOVDD: 1.7 V to 2.7 V ............................... 14
6.9 Timing Requirements: Read and Daisy Chain,
FSDO = 1, IOVDD: 1.7 V to 2.7 V ............................... 14
6.10 Timing Requirements: Read and Daisy Chain,
FSDO = 0, IOVDD: 2.7 V to 5.5 V ............................... 15
6.11 Timing Requirements: Read and Daisy Chain,
FSDO = 1, IOVDD: 2.7 V to 5.5 V ............................... 15
6.12 Timing Diagrams.....................................................16
6.13 Typical Characteristics............................................ 17
7 Detailed Description......................................................24
7.1 Overview................................................................... 24
7.2 Functional Block Diagram......................................... 24
7.3 Feature Description...................................................25
7.4 Device Functional Modes..........................................29
7.5 Programming............................................................ 30
7.6 Register Map.............................................................33
8 Application and Implementation.................................. 39
8.1 Application Information............................................. 39
8.2 Typical Application.................................................... 39
9 Power Supply Recommendations................................42
10 Layout...........................................................................42
10.1 Layout Guidelines................................................... 42
10.2 Layout Example...................................................... 42
11 Device and Documentation Support..........................43
11.1 Documentation Support.......................................... 43
11.2 Receiving Notification of Documentation Updates.. 43
11.3 Support Resources................................................. 43
11.4 Trademarks............................................................. 43
11.5 Electrostatic Discharge Caution.............................. 43
11.6 Glossary.................................................................. 43
12 Mechanical, Packaging, and Orderable
Information.................................................................... 43
4 Revision History
DATE
REVISION
NOTES
November 2020
*
Initial release.
DAC61402
SLASEH3 – NOVEMBER 2020
www.ti.com
2
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DAC61402



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com