Electronic Components Datasheet Search
  English  ▼

X  

OPA145 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA145
Description  OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA145 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA145 Datasheet HTML 3Page - Texas Instruments OPA145 Datasheet HTML 4Page - Texas Instruments OPA145 Datasheet HTML 5Page - Texas Instruments OPA145 Datasheet HTML 6Page - Texas Instruments OPA145 Datasheet HTML 7Page - Texas Instruments OPA145 Datasheet HTML 8Page - Texas Instruments OPA145 Datasheet HTML 9Page - Texas Instruments OPA145 Datasheet HTML 10Page - Texas Instruments OPA145 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
6.6 Electrical Characteristics: VS = 4.5 V to 36 V; ±2.25 V to ±18 V (continued)
at TA = 25°C, RL = 10 kΩ connected to midsupply, and VCM = VOUT = midsupply (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
VO = (V–) + 0.35 V to (V+) – 0.35 V,
RL = 10 kΩ
D Package Only
118
123
dB
VO = (V–) + 0.35 V to (V+) – 0.35 V,
RL = 10 kΩ
DGK and DBV Packages
110
123
VO = (V–) + 0.35 V to (V+) – 0.35 V,
RL = 2 kΩ
106
110
VO = (V–) + 0.35 V to (V+) – 0.35 V,
RL = 2 kΩ, TA = –40°C to +125°C
104
FREQUENCY RESPONSE
BW
Gain bandwidth product
5.5
MHz
SR
Slew rate
20
V/μs
Settling time
12 bits
10-V Step, G = +1
1.6
μs
16 bits
10-V Step, G = +1
6
THD+N
Total harmonic distortion and noise
1 kHz, G = +1, VO = 3.5 VRMS
0.0001%
Overload recovery time
600
ns
OUTPUT
Linear output voltage swing range
RL = 10 kΩ, AOL ≥ 108 dB,
TA = –40°C to +125°C,
See Figure 6-24 and Figure 6-25
(V–) + 0.1
(V+) – 0.1
V
RL = 2 kΩ, AOL ≥ 108 dB,
TA = –40°C to +125°C,
See Figure 6-24 and Figure 6-25
(V–) + 0.3
(V+) – 0.3
VO
Voltage output swing from rail
RL = 10 kΩ
75
mV
RL = 10 kΩ, OPA2145
80
RL = 10 kΩ, TA = –40°C to +125°C
90
RL = 2 kΩ
210
RL = 2 kΩ, OPA2145
230
RL = 2 kΩ,TA = –40°C to +125°C
OPA145ID Package Only
250
RL = 2 kΩ,TA = –40°C to +125°C
OPA145IDGK and DBV Packages,
OPA2145
350
ISC
Short-circuit current
±20
mA
CLOAD
Capacitive load drive
See Figure 6-27
RO
Open-loop output impedance
f = 1 MHz, IO = 0 mA (See Figure
6-26)
150
Ω
POWER SUPPLY
IQ
Quiescent current (per amplifier)
IO = 0 mA
445
475
µA
TA = 0°C to +85°C
590
TA = –40°C to +125°C
655
www.ti.com
OPA145,, OPA2145
SBOS427E – JUNE 2017 – REVISED OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: OPA145, OPA2145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com