Electronic Components Datasheet Search
  English  ▼

X  

OPA145 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # OPA145
Description  OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA145 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA145 Datasheet HTML 13Page - Texas Instruments OPA145 Datasheet HTML 14Page - Texas Instruments OPA145 Datasheet HTML 15Page - Texas Instruments OPA145 Datasheet HTML 16Page - Texas Instruments OPA145 Datasheet HTML 17Page - Texas Instruments OPA145 Datasheet HTML 18Page - Texas Instruments OPA145 Datasheet HTML 19Page - Texas Instruments OPA145 Datasheet HTML 20Page - Texas Instruments OPA145 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
7.3.2 Output Current Limit
The output current of the OPAx145 is limited by internal circuitry to +20 mA (sinking) and –20 mA (sourcing) to
protect the device if the output is accidentally shorted. This short-circuit current depends on temperature, as
shown in Figure 6-36.
7.3.3 Noise Performance
Figure 7-1 shows the total circuit noise for varying source impedances with the operational amplifier in a unity-
gain configuration (with no feedback resistor network and therefore no additional noise contributions). The
OPAx145 and OPAx211 are shown with total circuit noise calculated. The op amp contributes both a voltage
noise component and a current noise component. The voltage noise is commonly modeled as a time-varying
component of the offset voltage. The current noise is modeled as the time-varying component of the input bias
current and reacts with the source resistance to create a voltage component of noise. Therefore, the lowest
noise op amp for a given application depends on the source impedance. For low source impedance, current
noise is negligible, and voltage noise generally dominates. The OPAx145 has both low voltage noise and
extremely low current noise because of the FET input of the op amp. As a result, the current noise contribution of
the OPAx145 is negligible for any practical source impedance, which makes it the better choice for applications
with high source impedance.
0.1n
1n
10n
100n
1µ
10µ
1
10
100
1k
10k
100k
1M
10M
Source Resistance, R
S (Ÿ)
C003
OPA211
OPA145
Resistor Noise
R
S = 3.8 kŸ
NOTE: For a source resistance, RS, greater than 3.8 kΩ, the OPAx145 is a lower-noise option compared to the OPA211, as shown in
Figure 7-1.
Figure 7-1. Noise Performance of the OPAx145 and OPA211 in Unity-Gain Buffer Configuration
Equation 1 can be used to calculate the total noise at the output of the amplifier. A plot can be created using this
equation to quickly compare the noise performance of two different amplifiers when used with different source
resistances, as is shown in Figure 7-1.
u
2
2
2
O
n
n
S
S
E
e
(i
R )
4kTR
(1)
where:
• en = voltage noise
• In = current noise
• RS = source impedance
• k = Boltzmann's constant = 1.38 × 10–23 J/K
• T = temperature in kelvins (K)
For more details on calculating noise, see Section 7.3.4.
www.ti.com
OPA145,, OPA2145
SBOS427E – JUNE 2017 – REVISED OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: OPA145, OPA2145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com