Electronic Components Datasheet Search
  English  ▼

X  

OPA145 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA145
Description  OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA145 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA145 Datasheet HTML 5Page - Texas Instruments OPA145 Datasheet HTML 6Page - Texas Instruments OPA145 Datasheet HTML 7Page - Texas Instruments OPA145 Datasheet HTML 8Page - Texas Instruments OPA145 Datasheet HTML 9Page - Texas Instruments OPA145 Datasheet HTML 10Page - Texas Instruments OPA145 Datasheet HTML 11Page - Texas Instruments OPA145 Datasheet HTML 12Page - Texas Instruments OPA145 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
6.7 Typical Characteristics (continued)
at TA = 25°C, VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
0
5
10
15
Offset Voltage (µV)
C002
Figure 6-1. Offset Voltage Production Distribution
0
5
10
15
20
Input Offset Voltage Drift (µV/ƒC)
C001
Figure 6-2. Offset Voltage Drift Distribution From –40°C to
+125°C
0
5
10
15
20
25
30
35
40
Input Bias Current (pA)
C013
Figure 6-3. Input Bias Current Production Distribution
0
5
10
15
20
25
30
Input Offset Current (pA)
C013
Figure 6-4. Input Offset Current Production Distribution
±400
±300
±200
±100
0
100
200
300
400
±75
±50
±25
0
25
50
75
100
125
150
Temperature (ƒC)
C001
5 Typical Units
Figure 6-5. Offset Voltage vs Temperature
±150
±125
±100
±75
±50
±25
0
25
50
75
100
125
150
±20
±15
±10
±5
0
5
10
15
20
Input Common-mode Voltage (V)
C003
V
CM = ± 18.1 V
V
CM = 14.5 V
5 Typical Units
Figure 6-6. Offset Voltage vs Common-Mode Voltage
www.ti.com
OPA145,, OPA2145
SBOS427E – JUNE 2017 – REVISED OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: OPA145, OPA2145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com