Electronic Components Datasheet Search
  English  ▼

X  

RSK Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # RSK
Description  Minimum lever wobble and high precision characteristics combined with good operational feel
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RSK Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  RSK Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RSK Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RSK Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RSK Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RSK Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RSK Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RSK Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
408
2
1
3
Type
10※
50
100
※CP type: Only 10 kΩ
15A
1B
In addition to the products listed, we can accommodate the follow specifications.
Standard type
CP type
Single-unit
60 / 100
Lead type
100,000 cycles
Available
(100mm only)
300,000 cycles
Connector
type
JST S4B-EH
JST S9B-EH
Single-unit
Dual-unit
Dual-unit
Travel(mm)
Terminal style
Sliding life
Micro switch
Configuration code
1
4
9-T
(
T-Bar)
Dimensions
4
3
3
5
8
18.5
(14.5)
(8)
1.5
t=1.2
t=1.2
t=1.2
Total resistance(k Ω)
Resistance taper
Unit:mm
Notes
     Marked are specifications recommended by Alps.
Note
Lever Types
Total Resistance Variety
Resistance Taper
Specifications
0.4±0.3N
0.3
N
0.2±0.15N
0.3±0.2N
Oeprating
force
Circuit Diagram
Single-unit
Dual-unit
1
1
2
3
3
´
´
´
8
+0.3
- 0.2
Master Type (K Fader) / Other Specifications



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com