Electronic Components Datasheet Search
  English  ▼

X  

RSK Datasheet(PDF) 5 Page - ALPS ELECTRIC CO.,LTD.

Part # RSK
Description  Minimum lever wobble and high precision characteristics combined with good operational feel
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RSK Datasheet(HTML) 5 Page - ALPS ELECTRIC CO.,LTD.

  RSK Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RSK Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RSK Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RSK Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RSK Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RSK Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RSK Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
409
Total resistance
(k Ω)
10
50
104
254
When ordering product varieties that are not listed, specify referring to the examples below.
Sample Part Number
R S 6 0 K 1 1 A
9 T
A 1 0 3
Travel
60
A0
60mm
100mm
Single-unit
Dual-unit
1
2
Number of resistor elements
Resistor element type, and presence of micro switch.
Code
A
B
Resistor elements
Standard type
Without micro switch
With micro switch
Code
K
L
Resistor elements
CP type
Without micro switch
With micro switch
Resistance taper
Code
Resistance taper
A
15A
B
1B
100
90
80
70
60
50
40
30
20
10
0
100
90
80
70
60
50
40
30
20
10
Rotation travel (
%)
Term."1"
Term."3"
A(15A)
J
Marked are specifications recommended by Alps.
Note
9T
9-T(T-Bar)
Lever types
Code
Configuration code
01
1
04
4
Total resistance
CP type: Supports 10kΩ only.
Code
Code
Total resistance
(k Ω)
100
103
503
Master Type(K Fader)/ Ordering Products Not Listed
250



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com