Electronic Components Datasheet Search
  English  ▼

X  

RSK Datasheet(PDF) 6 Page - ALPS ELECTRIC CO.,LTD.

Part # RSK
Description  Minimum lever wobble and high precision characteristics combined with good operational feel
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RSK Datasheet(HTML) 6 Page - ALPS ELECTRIC CO.,LTD.

  RSK Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RSK Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RSK Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RSK Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RSK Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RSK Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RSK Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Type
Standard Type
Master Type
Series
Super SlideTM
Slim SlideTM(Slim4)
Compact Reflow Type
K Fader
RS □□ 1
RS □□ H
RS08U
RS □□ K
Single-unit/Dual-unit
Single-unit/Dual-unit
Single-unit
Single-unit/Dual-unit
Photo
Travel(mm)
15, 20, 30, 45, 60
15, 20, 30
8
60, 100
Direction of lever
Vertical
Horizontal
Vertical Horizontal
Vertical
Lever material
Metal / Resin
Resin
Metal
Operating temperature range
−25℃ to +70℃
−10℃ to +70℃
−10℃ to +60℃
Operating life
15,000 cycles
10,000 cycles
100,000 cycles (Standard)
300,000 cycles(CP)
Available for automotive use
○
ー
ー
ー
ー
Life cycle (availability)
Electrical
performance
Total resistance
(k Ω)
10, 20, 50, 100,
200
5, 10, 20, 50, 100, 200, 250
10
10, 50, 100(Standerd)
10(CP)
Resistance taper
10A, 15A, 1B, 3B,
4B
15A, 1B, 3B
1B
15A, 1B
Rated Power
Please see P.395
Please see P.402
0.025W
0.25W
Insulation
resistance
100MΩ min.
250V DC
Dual-unit:100MΩ min. 250V DC
100MΩ min.
100V DC
100MΩ min.
250V DC
Voltage proof
300V AC for 1
minute
Dual-unit:300V AC for 1 minute
100V AC for 1
minute
250V AC for 1
minute
Center-taps
Without / With
Without
Mechanical
performance
Operating force
0.3 to 2.5N
0.6
N
0.17±0.15N
Please see P.408
Center detent
Without / With
Without
Stopper strength
50N
30N
5N
100N
Lever push-pull strength
50N
30N
5N
100N
Lever wobble(mm)
※ Both sides
2(2×L)
20
1.6 max.
ー
2(2×L)
25
Detent slip-out force
Operating force +
(0.2 to 2N)
Operating force +0.3
N
ー
ー
Lever deviation(mm)
※ One side
0.5 max.
ー
ー
ー
0.5 max.
Terminal style
Insertion
Reflow
Lead(Standard)
Connector(CP)
Page
389
398
404
405
Slide Potentiometers Soldering Conditions・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 426
Potentiometer Cautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 427
Potentiometers Measurement and Test Methods ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 429
Potentiometers Resistance Taper ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 431
387
List of Varieties
Slide Potentiometers
1.“L”in the“Lever Wobble”column of the above table indicates the length of lever.
2.「RS □□」
□□ indicates travel.
3. ○ Indicates applicability to some products in the series.
Notes
+0.5
−0.4
+0.5
−0.25



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com