Electronic Components Datasheet Search
  English  ▼

X  

DS3174 Datasheet(PDF) 16 Page - Dallas Semiconductor

Part # DS3174
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3174 Datasheet(HTML) 16 Page - Dallas Semiconductor

Back Button DS3174 Datasheet HTML 12Page - Dallas Semiconductor DS3174 Datasheet HTML 13Page - Dallas Semiconductor DS3174 Datasheet HTML 14Page - Dallas Semiconductor DS3174 Datasheet HTML 15Page - Dallas Semiconductor DS3174 Datasheet HTML 16Page - Dallas Semiconductor DS3174 Datasheet HTML 17Page - Dallas Semiconductor DS3174 Datasheet HTML 18Page - Dallas Semiconductor DS3174 Datasheet HTML 19Page - Dallas Semiconductor DS3174 Datasheet HTML 20Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
16 of 230
4 STANDARDS COMPLIANCE
Table 4-1. Standards Compliance
SPECIFICATION
SPECIFICATION TITLE
ANSI
T1.102-1993
Digital Hierarchy – Electrical Interfaces
T1.107-1995
Digital Hierarchy – Formats Specification
T1.231-1997
Digital Hierarchy – Layer 1 In-Service Digital Transmission Performance Monitoring
T1.404-1994
Network-to-Customer Installation – DS3 Metallic Interface Specification
ETSI
ETS 300 686
Business TeleCommunications; 34Mbps and 140Mbits/s digital leased lines (D34U, D34S,
D140U and D140S); Network interface presentation, 1996
TBR 24
Business TeleCommunications; 34Mbit/s digital unstructured and structured lease lines;
attachment requirements for terminal equipment interface, 1997
ETS EN 300 689
Access and Terminals (AT); 34Mbps Digital Leased Lines (D34U and D34S); Terminal
equipment interface, July 2001
ETS 300 689
Business TeleCommunications (BTC); 34 Mbps digital leased lines (D34U and D34S),
Terminal equipment interface, V 1.2.1, 2001-07
IETF
RFC 2496
Definition of Managed Objects for the DS3/E3 Interface Type, January, 1999
ISO
ISO 3309:1993
Information Technology – Telecommunications & information exchange between systems –
High Level Data Link Control (HDLC) procedures – Frame structure, Fifth Edition, 1993
ITU-T
G.703
Physical/Electrical Characteristics of Hierarchical Digital Interfaces, 1991
G.704
Synchronous Frame Structures Used at 1544, 6312, 2048, 8488 and 44 736 kbit/s
Hierarchical Levels, July, 1995
G.751
Digital Multiplex Equipment Operating at the Third Order Bit Rate of 34,368 kbit/s and the
Fourth Order bit Rate of 139,264 kbit/s and Using Positive Justification, 1993
G.775
Loss Of Signal (LOS) and Alarm Indication Signal (AIS) Defect Detection and Clearance
Criteria, November, 1994
G.823
The Control of Jitter and Wander Within Digital Networks Which are Based on the 2048
kbit/s Hierarchy, 1993
G.824
The Control of Jitter and Wander within Digital Networks that are Based on the 1544kbps
Hierarchy, 1993
G.832
Transport of SDH Elements on PDH Networks – Frame and Multiplexing Structures,
November, 1995
I.432
B-ISDN User-Network Interface – Physical Layer Specification, March, 1993
O.151
Error Performance Measuring Equipment Operating at the Primary Rate and Above,
October, 1992
Q.921
ISDN User-Network Interface – Data Link Layer Specification, March 1993
Telcordia
GR-499-CORE
Transport Systems Generic Requirements (TSGR): Common Requirements, Issue 2,
December 1998
GR-820-CORE
Generic Digital Transmission Surveillance, Issue 1, November 1994
IEEE
IEEE Std 1149-
1990
IEEE Standard Test Access Port and Boundary-Scan Architecture, (Includes IEEE Std
1149-1993) October 21, 1993



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com