Electronic Components Datasheet Search
  English  ▼

X  

DS3174 Datasheet(PDF) 44 Page - Dallas Semiconductor

Part # DS3174
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3174 Datasheet(HTML) 44 Page - Dallas Semiconductor

Back Button DS3174 Datasheet HTML 40Page - Dallas Semiconductor DS3174 Datasheet HTML 41Page - Dallas Semiconductor DS3174 Datasheet HTML 42Page - Dallas Semiconductor DS3174 Datasheet HTML 43Page - Dallas Semiconductor DS3174 Datasheet HTML 44Page - Dallas Semiconductor DS3174 Datasheet HTML 45Page - Dallas Semiconductor DS3174 Datasheet HTML 46Page - Dallas Semiconductor DS3174 Datasheet HTML 47Page - Dallas Semiconductor DS3174 Datasheet HTML 48Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
44 of 230
Figure 8-21. 8-Bit Mode Write
0x34
0x12
0x2B0
0x2B0
D[7:0]
A[10:1]
A[0]/BSWAP
Z
Z
Z
Z
Note: Address 0x2B0 = 0x34
0x2B1 = 012
RD
WR
CS
RDY
Figure 8-22. 8-Bit Mode Read
D[7:0]
A[10:1]
A[0]/BSWAP
0x2B0
0x34
Z
Z
0x2B0
0x12
Z
Z
Note: Address 0x2B0 = 0x34
0x2B1 = 012
RD
WR
CS
RDY
Figure 8-23 and Figure 8-24 are examples of databuses without and with byte swapping enabled, respectively.
When the A[0]/BSWAP pin is set to 0, byte swapping is disabled, and when one, byte swapping is enabled. This
pin should be static and not change while operating. Note: Address bit A[0] is not used in 16-bit mode. See also
Section 10.1.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com