Electronic Components Datasheet Search
  English  ▼

X  

DS3174 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS3174
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3174 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS3174 Datasheet HTML 1Page - Dallas Semiconductor DS3174 Datasheet HTML 2Page - Dallas Semiconductor DS3174 Datasheet HTML 3Page - Dallas Semiconductor DS3174 Datasheet HTML 4Page - Dallas Semiconductor DS3174 Datasheet HTML 5Page - Dallas Semiconductor DS3174 Datasheet HTML 6Page - Dallas Semiconductor DS3174 Datasheet HTML 7Page - Dallas Semiconductor DS3174 Datasheet HTML 8Page - Dallas Semiconductor DS3174 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
3 of 230
1 BLOCK DIAGRAMS
Figure 1-1 shows the external components required at each LIU interface for proper operation. Figure 1-2 shows
the functional block diagram of one channel DS3/E3 LIU.
Figure 1-1. LIU External Connections for a DS3/E3 Port of a DS317x Device
1:2ct
1:2ct
Transmit
Receive
TXP
TXN
RXP
RXN
0.01uF
3.3V
Power
Plane
Ground
Plane
VDD
Each DS3/E3 LIU Interface
0.1uF
1uF
330
W
(1%)
330
W
(1%)
0.01uF
0.1uF
1uF
0.01uF
0.1uF
1uF
VDD
VDD
VSS
VSS
VSS
Figure 1-2. DS317x Functional Block Diagram
RLCLKn
RXPn
RXNn
TPOSn/TDATn
TNEGn
TLCLKn
Microprocessor
Interface
TXPn
TXNn
RDATn
RNEGn/ RLCVn
n = port # (1-4)
DS3/E3
Transmit
LIU
IEEE P1149.1
JTAG Test
Access Port
HDLC
FEAC
DS3 / E3
Transmit
Formatter
DS3 / E3
Receive
Framer
Trail
Trace
Buffer
TCLKIn
RSERn
RCLKOn/RGCLKn
RSOFOn/RDENn
DS3/E3
Receive
LIU
TAIS
TUA1
Clock Rate
Adapter
UA1
GEN
TSERn
B3ZS/
HDB3
Encoder
B3ZS/
HDB3
Decoder
TSOFIn
TX BERT
RX BERT
DS317x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com