Electronic Components Datasheet Search
  English  ▼

X  

LM27241 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM27241
Description  Synchronous Buck Regulator Controller for Mobile Systems
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27241 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM27241 Datasheet HTML 1Page - National Semiconductor (TI) LM27241 Datasheet HTML 2Page - National Semiconductor (TI) LM27241 Datasheet HTML 3Page - National Semiconductor (TI) LM27241 Datasheet HTML 4Page - National Semiconductor (TI) LM27241 Datasheet HTML 5Page - National Semiconductor (TI) LM27241 Datasheet HTML 6Page - National Semiconductor (TI) LM27241 Datasheet HTML 7Page - National Semiconductor (TI) LM27241 Datasheet HTML 8Page - National Semiconductor (TI) LM27241 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Connection Diagram
20120102
Top View
20-Lead TSSOP (MTC)
Ordering Information
Order Number
Package Drawing
Supplied As
LM27241MTC
MTC20
73 Units/Rail
LM27241MTCX
MTC20
2500 Units/13" Reel
Pin Description
Pin 1, VDD: 5V supply rail for the control and logic sections.
For normal operation the voltage on this pin must be brought
above 4.5V. Subsequently, the voltage on this pin (including
any ripple component) should not be allowed to fall below 4V
for a duration longer than 7µs. Since this pin is also the
supply rail for the internal control sections, it should be
well-decoupled particularly at high frequencies. A minimum
0.1µF-0.47µF (ceramic) capacitor should be placed on the
component side very close to the IC with no intervening vias
between this capacitor and the VDD/SGND pins. If the volt-
age on Pin 1 falls below the lower UVLO threshold, upper
FET(s) are latched OFF and the lower FET(s) are latched
ON. Power Not Good is then signaled immediately (on Pin
6). To initiate recovery, the EN pin must be taken below 0.8V
and then back above 2V (with VDD held above 4.5V). Or the
voltage on the VDD pin must be taken below 1.0V and then
back again above 4.5V (with EN pin held above 2V). Normal
operation will then resume assuming that the fault condition
has been cleared.
Pin 2, SS: Soft-start pin. A Soft-start capacitor is placed
between this pin and ground. A typical capacitance of 0.1µF
is recommended between this pin and ground. The IC con-
nects an internal 1.8 k
Ω resistor (R
SS_DCHG, see Electrical
Characteristics table) between this pin and ground to dis-
charge any remaining charge on the Soft-start capacitor
under several conditions. These conditions include the initial
power-up sequence, start-up by toggling the EN pin, and
also recovery from a fault condition. The purpose is to bring
down the voltage on the Soft-start pin to below 100mV for
obtaining reset. Reset having thus been obtained, an 11µA
current source at this pin charges up the Soft-start capacitor.
The voltage on this pin controls the maximum duty cycle,
and this produces a gradual ramp-up of the output voltage,
thereby preventing large inrush currents into the output ca-
pacitors. The voltage on this pin finally clamps close to 5V.
This pin is connected to an internal 115µA current sink
whenever a current limit event is in progress. This sink
current discharges the Soft-start capacitor and forces the
duty cycle low to protect the power components. When a
fault condition is asserted (See Pin 9) the SS pin is internally
connected to ground via the 1.8 k
Ω resistor.
Pin 3, FREQ: Frequency adjust pin. The switching frequency
is set by a resistor connected between this pin and ground.
A value of 22.1k
Ω sets the frequency to 300kHz (nominal). If
the resistance is increased, the switching frequency de-
creases. An approximate relationship is that for every 7.3k
Ω
increase or decrease in the value of the frequency set resis-
tor, the total switching period increases or decreases by 1µs.
Pin 4, SGND: Signal Ground pin. This is the lower rail for the
control and logic sections. SGND should be connected on
the PCB to the system ground, which in turn is connected to
PGND. The layout is important and the recommendations in
the section Layout Guidelines should be followed.
Pin 5, EN: IC Enable pin. When EN is taken high, the output
is enabled by means of a Soft-start power-up sequence.
When EN is brought low, Power Not Good is signaled within
100ns. This causes Soft-shutdown to occur (see Pins 2 and
6). The Soft-start capacitor is then discharged by an internal
1.8k
Ω resistor (R
SS_DCHG,
see Electrical Characteristics
table). When the Enable pin is toggled, a fault condition is
not asserted. Therefore in this case, the lower FET is not
latched ON, even as the output voltage ramps down, even-
tually falling below the under-voltage threshold. In fact, in
this situation, both the upper and the lower FETs are latched
OFF, until the Enable pin is taken high again. If a fault
shutdown has occurred, taking the Enable pin low and then
high again (toggling), resets the internal latches, and the IC
will resume normal switching operation.
Pin 6, PGOOD: Power Good output pin. An open-drain logic
output that is pulled high with an external pull-up resistor,
indicating that the output voltage is within a pre-defined
Power Good window. Outside this window, the pin is inter-
nally pulled low (Power Not Good signaled) provided the
output error lasts for more than 7µs. The pin is also pulled
low within 100ns of the Enable pin being taken low, irrespec-
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com